Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2474-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2474-Q1
Description  FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2474-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2474-Q1 Datasheet HTML 5Page - Texas Instruments TLV2474-Q1 Datasheet HTML 6Page - Texas Instruments TLV2474-Q1 Datasheet HTML 7Page - Texas Instruments TLV2474-Q1 Datasheet HTML 8Page - Texas Instruments TLV2474-Q1 Datasheet HTML 9Page - Texas Instruments TLV2474-Q1 Datasheet HTML 10Page - Texas Instruments TLV2474-Q1 Datasheet HTML 11Page - Texas Instruments TLV2474-Q1 Datasheet HTML 12Page - Texas Instruments TLV2474-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
TLV247xQ1, TLV247xAQ1
FAMILY OF 600 µA/Ch 2.8MHz RAILTORAIL INPUT/OUTPUT
HIGHDRIVE OPERATIONAL AMPLIFIERS
SGLS180B − AUGUST 2003 − REVISED APRIL 2008
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
−800
−600
−400
−200
0
200
400
600
−0.5 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VDD=3 V
TA=25° C
VICR − Common-Mode Input Voltage − V
Figure 2
−800
−600
−400
−200
0
200
400
600
−0.5
0.5
1.5
2.5
3.5
4.5
5.5
VDD=5 V
TA=25 °C
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VICR − Common-Mode Input Voltage − V
Figure 3
−10
0
10
20
30
40
50
−55 −35 −15
5
25
45
65
85 105 125
INPUT BIAS AND INPUT OFFSET
CURRENTS
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
IIB
IIO
VDD=3 V
Figure 4
−10
0
10
20
30
40
50
−55 −35 −15
5
25
45
65
85 105 125
INPUT BIAS AND INPUT OFFSET
CURRENTS
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
IIB
IIO
VDD=5 V
Figure 5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
102030405060
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
VDD=3 V
TA=125°C
TA=85°C
TA=25°C
TA=−40°C
Figure 6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1020304050
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
VDD=3 V
TA=125°C
TA=85°C
TA=25°C
TA=−40°C
Figure 7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
20
40
60
80
100 120 140 160
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
VDD=5 V
TA=125°C
TA=85°C
TA=25°C
TA=−40°C
Figure 8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
120
140
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
VDD=5 V
TA=125°C
TA=85°C
TA=25°C
TA=−40°C
Figure 9
OUTPUT IMPEDANCE
vs
FREQUENCY
f − Frequency − Hz
100
1k
10k
100k
1M
10M
0.1
0.01
1000
10
1
100
AV=10
VDD=3 & 5 V
TA=25°C
AV=100
AV=1


Similar Part No. - TLV2474-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2474-Q1 TI1-TLV2474-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2474-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV247X-Q1 TI-TLV247X-Q1 Datasheet
662Kb / 27P
[Old version datasheet]   FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2471-Q1 TI1-TLV2471-Q1 Datasheet
780Kb / 31P
[Old version datasheet]   FAMILY OF 600-關A/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470 Datasheet
1Mb / 41P
[Old version datasheet]   FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com