Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV369IDCKR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV369IDCKR
Description  Cost-Optimized, 800-nA, 1.8-V, Rail-to-Rail I/O Operational Amplifier with Zero-Crossover Distortion
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV369IDCKR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV369IDCKR Datasheet HTML 7Page - Texas Instruments TLV369IDCKR Datasheet HTML 8Page - Texas Instruments TLV369IDCKR Datasheet HTML 9Page - Texas Instruments TLV369IDCKR Datasheet HTML 10Page - Texas Instruments TLV369IDCKR Datasheet HTML 11Page - Texas Instruments TLV369IDCKR Datasheet HTML 12Page - Texas Instruments TLV369IDCKR Datasheet HTML 13Page - Texas Instruments TLV369IDCKR Datasheet HTML 14Page - Texas Instruments TLV369IDCKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
5 kW
10 mA, max
5 V
V
IN
V
OUT
I
OVERLOAD
A current-limiting resistor is required if the input voltage
exceeds the supply rails by
0.5 V.
³
TLV369
Copyright © 2016, Texas Instruments Incorporated
11
TLV369, TLV2369
www.ti.com
SBOS757 – MAY 2016
Product Folder Links: TLV369 TLV2369
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Operating Voltage
The TLV369 series os op amps are fully specified and tested from 1.8 V to 5.5 V (±0.9 V to ±2.75 V). Parameters
that vary significantly with supply voltage are described in the Typical Characteristics section.
7.3.2 Input Common-Mode Voltage Range
The TLV369 family is designed to eliminate the input offset transition region typically present in most rail-to-rail,
complementary-stage operational amplifiers, allowing the TLV369 family of amplifiers to provide superior
common-mode performance over the entire input range.
The input common-mode voltage range of the TLV369 family typically extends to each supply rail. CMRR is
specified from the negative rail to the positive rail; see Figure 1, Normalized Offset Voltage vs Common-Mode
Voltage.
7.3.3 Protecting Inputs from Overvoltage
Input currents are typically 10 pA. However, large inputs (greater than 500 mV beyond the supply rails) can
cause excessive current to flow in or out of the input pins. Therefore, in addition to keeping the input voltage
between the supply rails, the input current must also be limited to less than 10 mA. This limiting is easily
accomplished with an input resistor, as shown in Figure 14.
Figure 14. Input Current Protection for Voltages That Exceed the Supply Voltage
7.4 Device Functional Modes
The TLV369 family has a single functional mode. These devices are powered on as long as the power-supply
voltage is between 1.8 V (±0.9 V) and 5.5 V (±2.75 V).


Similar Part No. - TLV369IDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3691 TI1-TLV3691 Datasheet
3Mb / 24P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
TLV3691IDCKR TI1-TLV3691IDCKR Datasheet
3Mb / 29P
[Old version datasheet]   Nanopower Comparator
TLV3691IDCKT TI1-TLV3691IDCKT Datasheet
3Mb / 29P
[Old version datasheet]   Nanopower Comparator
TLV3691IDPFR TI1-TLV3691IDPFR Datasheet
3Mb / 29P
[Old version datasheet]   Nanopower Comparator
TLV3691IDPFT TI1-TLV3691IDPFT Datasheet
3Mb / 29P
[Old version datasheet]   Nanopower Comparator
More results

Similar Description - TLV369IDCKR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
ADA4500-2 AD-ADA4500-2_16 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
ADA4505-1 AD-ADA4505-1_16 Datasheet
846Kb / 24P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
ADA4505-4 AD-ADA4505-4 Datasheet
825Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
logo
Texas Instruments
OPA369 TI-OPA369_1 Datasheet
922Kb / 20P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369 Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8506 AD-AD8506_07 Datasheet
535Kb / 20P
   20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com