Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPO3310-223MLC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPO3310-223MLC
Description  SMT Power Inductors - LPO3310
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPO3310-223MLC Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPO3310-223MLC Datasheet HTML 1Page - Coilcraft lnc. LPO3310-223MLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMT Power Inductors - LPO3310
Document 352-1
L2
DCR3
SRF4
±20%
max
typ
Isat5 Irms6
Part number1
(µH)
(Ohms) (MHz)
(A)
(A)
LPO3310-301ML_
0.30
0.040
420
2.8
2.8
LPO3310-471ML_
0.47
0.042
310
2.3
2.3
LPO3310-701ML_
0.70
0.068
200
1.9
1.9
LPO3310-102ML_
1.0
0.076
180
1.6
1.6
LPO3310-152ML_
1.5
0.12
153
1.4
1.4
LPO3310-222ML_
2.2
0.15
112
1.1
1.1
LPO3310-332ML_
3.3
0.20
91
0.95
0.95
LPO3310-472ML_
4.7
0.28
80
0.80
0.80
LPO3310-682ML_
6.8
0.36
68
0.66
0.66
LPO3310-822ML_
8.2
0.50
58
0.65
0.65
LPO3310-103ML_
10
0.52
52
0.57
0.57
LPO3310-153ML_
15
0.80
36
0.45
0.45
LPO3310-223ML_
22
1.20
34
0.37
0.37
LPO3310-333ML_
33
1.78
27
0.30
0.30
LPO3310-473ML_
47
2.15
22
0.25
0.25
1. When ordering, please specify
termination and packaging codes:
LPO3310-473MLC
Termination: L = RoHS compliant silver-palladium-platinum-glass frit
Special order: T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (1000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (3500 parts per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4192A.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 8753ES or equivalent.
5. DC current at which the inductance drops 10% (typ) from its value with-
out current.
6. Current that causes a 25°C temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C375 contains 3 each of all values
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 28.0 – 31.3 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+110°C with derated current
Storage temperature Component: –40°C to +110°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″ reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.23 mm thick, 8 mm pocket spacing, 1.37 mm pocket depth
Recommended pick and place nozzle OD: 3.3 mm; ID:
≤1.65 mm
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
• Only 1.0 mm high, 3.3 mm square
• Handles current up to 2.8 Amps
Document 352-1 Revised 10/14/08


Similar Part No. - LPO3310-223MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPO3310-223ML COILCRAFT-LPO3310-223ML Datasheet
204Kb / 2P
   SMT Power Inductors
LPO3310-223ML COILCRAFT-LPO3310-223ML Datasheet
119Kb / 2P
   SMT Power Inductors - LPO3310
LPO3310-223ML COILCRAFT-LPO3310-223ML Datasheet
119Kb / 2P
   SMT Power Inductors - LPO3310
LPO3310-223ML COILCRAFT-LPO3310-223ML Datasheet
154Kb / 2P
   SMT Power Inductors
More results

Similar Description - LPO3310-223MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPO3310-222MXC COILCRAFT-LPO3310-222MXC Datasheet
119Kb / 2P
   SMT Power Inductors - LPO3310
LPO3310-222MXC COILCRAFT-LPO3310-222MXC Datasheet
119Kb / 2P
   SMT Power Inductors - LPO3310
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com