Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2474QDRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2474QDRQ1
Description  FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2474QDRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TLV2474QDRQ1 Datasheet HTML 1Page - Texas Instruments TLV2474QDRQ1 Datasheet HTML 2Page - Texas Instruments TLV2474QDRQ1 Datasheet HTML 3Page - Texas Instruments TLV2474QDRQ1 Datasheet HTML 4Page - Texas Instruments TLV2474QDRQ1 Datasheet HTML 5Page - Texas Instruments TLV2474QDRQ1 Datasheet HTML 6Page - Texas Instruments TLV2474QDRQ1 Datasheet HTML 7Page - Texas Instruments TLV2474QDRQ1 Datasheet HTML 8Page - Texas Instruments TLV2474QDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TLV247xQ1, TLV247xAQ1
FAMILY OF 600 µA/Ch 2.8MHz RAILTORAIL INPUT/OUTPUT
HIGHDRIVE OPERATIONAL AMPLIFIERS
SGLS180B − AUGUST 2003 − REVISED APRIL 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
±VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range,
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE: All voltage values, except differential voltages, are with respect to GND.
DISSIPATION RATING TABLE
PACKAGE
θJC
(
°C/W)
θJA
(
°C/W)
TA ≤ 25°C
POWER RATING
D (8)
38.3
176
710 mW
D (14)
26.9
122.3
1022 mW
DBV (3)
55
324.1
385 mW
DGN (8)
4.7
52.7
2370 mW
PWP (14)
2.07
30.7
4070 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
Single supply
2.7
6
V
Supply voltage, VDD
Split supply
±1.35
±3
V
Common-mode input voltage range, VICR
0
VDD
V
Operating free-air temperature, TA
−40
125
°C
† Relative to GND


Similar Part No. - TLV2474QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2474QDRQ1 TI-TLV2474QDRQ1 Datasheet
662Kb / 27P
[Old version datasheet]   FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2474QDRQ1 TI1-TLV2474QDRQ1 Datasheet
780Kb / 31P
[Old version datasheet]   FAMILY OF 600-關A/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2474QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV247X-Q1 TI-TLV247X-Q1 Datasheet
662Kb / 27P
[Old version datasheet]   FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2471-Q1 TI1-TLV2471-Q1 Datasheet
780Kb / 31P
[Old version datasheet]   FAMILY OF 600-關A/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470 Datasheet
1Mb / 41P
[Old version datasheet]   FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com