Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2264MJ Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV2264MJ
Description  Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2264MJ Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2264MJ Datasheet HTML 6Page - Texas Instruments TLV2264MJ Datasheet HTML 7Page - Texas Instruments TLV2264MJ Datasheet HTML 8Page - Texas Instruments TLV2264MJ Datasheet HTML 9Page - Texas Instruments TLV2264MJ Datasheet HTML 10Page - Texas Instruments TLV2264MJ Datasheet HTML 11Page - Texas Instruments TLV2264MJ Datasheet HTML 12Page - Texas Instruments TLV2264MJ Datasheet HTML 13Page - Texas Instruments TLV2264MJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
TLV226x, TLV226xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV2264I electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2264I
TLV2264AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
300
2500
300
950
µV
VIO
Input offset voltage
Full range
3000
1500
µV
αVIO
Temperature coefficient
25
°C
2
2
µV/°C
αVIO
Temperature coefficient
of input offset voltage
25 C
to 85
°C
2
2
µV/°C
Input offset voltage
long-term drift
(see Note 4)
VDD ± = ±1.5 V,
VIC = 0,
V
= 0,
25
°C
0.003
0.003
µV/mo
VIC = 0,
VO = 0,
RS= 50 Ω
25
°C
0.5
60
0.5
60
IIO
Input offset current
O
RS= 50 Ω
85
°C
150
150
pA
IIO
Input offset current
Full range
800
800
pA
25
°C
1
60
1
60
IIB
Input bias current
85
°C
150
150
pA
IIB
Input bias current
Full range
800
800
pA
0
− 0.3
0
− 0.3
25
°C
0
to
− 0.3
to
0
to
− 0.3
to
VICR
Common-mode input
RS = 50 Ω
|VIO |≤5 mV
25 C
to
2
to
2.2
to
2
to
2.2
V
VICR
Common-mode input
voltage range
RS = 50 Ω,
|VIO | ≤5 mV
0
0
V
voltage range
Full range
0
to
0
to
Full range
to
1.7
to
1.7
IOH = − 20 µA
25
°C
2.99
2.99
High-level output
IOH = − 100 µA
25
°C
2.85
2.85
VOH
High-level output
voltage
IOH = − 100 µA
Full range
2.825
2.825
V
VOH
voltage
IOH = − 400 µA
25
°C
2.7
2.7
V
IOH = − 400 µA
Full range
2.65
2.65
VIC = 1.5 V,
IOL = 50 µA
25
°C
10
10
VIC = 1.5 V,
IOL = 500 µA
25
°C
100
100
VOL
Low-level output voltage
VIC = 1.5 V,
IOL = 500 µA
Full range
150
150
mV
VOL
Low-level output voltage
VIC = 1.5 V,
IOL = 1 mA
25
°C
200
200
mV
VIC = 1.5 V,
IOL = 1 mA
Full range
300
300
Large-signal differential
V
= 1.5 V,
RL = 50 kه
25
°C
60
100
60
100
AVD
Large-signal differential
voltage amplification
VIC = 1.5 V,
VO = 1 to 2 V
RL = 50 kه
Full range
30
30
V/mV
AVD
voltage amplification
IC
VO = 1 to 2 V
RL = 1 Mه
25
°C
100
100
V/mV
ri(d)
Differential input
resistance
25
°C
1012
1012
ri(c)
Common-mode input
resistance
25
°C
1012
1012
ci(c)
Common-mode input
capacitance
f = 10 kHz,
N package
25
°C
8
8
pF
zo
Closed-loop output
impedance
f = 100 kHz,
AV = 10
25
°C
270
270
CMRR
Common-mode
VIC = 0 to 1.7 V,
25
°C
65
75
65
77
dB
CMRR
Common-mode
rejection ratio
VO = 1.5 V,
RS = 50 Ω
Full range
60
60
dB
kSVR
Supply voltage rejection
ratio ( V/ V)
VDD = 2.7 V to 8 V,
25
°C
80
95
80
100
dB
kSVR
Supply voltage rejection
ratio (
∆VDD/∆VIO)
VIC = VDD /2,
No load
Full range
80
80
dB
† Full range is − 40°C to 125°C.
‡ Referenced to 1.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLV2264MJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2264MJ TI-TLV2264MJ Datasheet
817Kb / 51P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2264MJ TI-TLV2264MJ Datasheet
1Mb / 55P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TLV2264MJ STMICROELECTRONICS-TLV2264MJ Datasheet
1Mb / 55P
   ADVANCED LINCOMS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2264MJ TI-TLV2264MJ Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2264MJ TI-TLV2264MJ Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2264MJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV226X TI-TLV226X Datasheet
817Kb / 51P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274ACPW TI-TLC2274ACPW Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2872Z TI1-TLC2872Z Datasheet
260Kb / 17P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
TLC2872 TI1-TLC2872 Datasheet
260Kb / 17P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
TLV2711 TI-TLV2711 Datasheet
551Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2211 TI-TLV2211 Datasheet
529Kb / 29P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231 TI-TLV2231 Datasheet
585Kb / 27P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2731 TI-TLV2731 Datasheet
631Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X Datasheet
926Kb / 57P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com