Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA5401 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MA5401
Description  Flyback / Buck Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MA5401 Datasheet(HTML) 1 Page - Coilcraft lnc.

  MA5401 Datasheet HTML 1Page - Coilcraft lnc. MA5401 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 924B-1
Flyback/BuckTransformer
Core material Ferrite
Environmental RoHS compliant, halogen free
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 210 – 225 mg
Ambient temperature –40°C to +125°C (Ambient temperature
+ self-heating must not exceed a part temperature of 125°C. See
notes for calculating temperature rise due to self-heating.)
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Winding to winding isolation 1500 Vdc
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 750/7
″ reel; 2500/13″ reel Plastic tape: 12 mm wide,
0.32 mm thick, 8 mm pocket spacing, 3.1 mm pocket depth
Recommended pick and place nozzle OD: 5 mm; ID:
≤ 2.5 mm
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
Document 924B-1 Revised 09/17/12
Dimensions are in
inches
mm
0.060
1,52
0.114 ±0.004
2,90 ±0,10
Dash
number
Internal
code
Dot indicates pin 1
0.189 ±0.003
4,80 ±0,08
0.189 ±0.003
4,80 ±0,08
XXXX
14
23
Recommended
Land Pattern
0.197
5,00
0.134
3,40
0.059
1,50
0.138
3,50
0.197
5,00
45°
typ
0.090
2,30
0.134
3,40
0.090
2,30
0.030
0,75
2
1
4
3
L1
L2
1
: 1
The MA5401-AE was developed for use with the Texas In-
struments UCC25230 Switching Converter (12 – 100 V input,
0.20 A output).
It is designed to meet UL60950
Functional Isolation for
working voltage up to 210 V peak.
With 1000 Vrms (1500 Vdc) hipot and a small package size,
this transformer is ideal for use in high density isolated circuit
applications.
It provides tight coupling (k > 0.99), high inductance and
excellent current handling in a rugged, low cost part.
for TI UCC25230
Switching Converter
++
––
L1
L2
D1
Co
CIN
SHS
SLS
CPRI
VPRI
Typical Flyback / Buck Converter
VOUT
VIN


Similar Part No. - MA5401

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MA54 CONNOR-WINFIELD-MA54 Datasheet
54Kb / 1P
   8 PIN DIP ACMOS
logo
Murata Manufacturing Co...
MA54101BAN MURATA-MA54101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA54101BBN MURATA-MA54101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA54101CAN MURATA-MA54101CAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA54101CBN MURATA-MA54101CBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA5401

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3920 PCA-EPA3920 Datasheet
37Kb / 1P
   Flyback Transformer
logo
Coilcraft lnc.
FA2443-AL COILCRAFT-FA2443-AL Datasheet
134Kb / 1P
   Flyback Transformer
GA3502-BL COILCRAFT-GA3502-BL Datasheet
143Kb / 1P
   Flyback Transformer
logo
Rhombus Industries Inc.
T-1075 RHOMBUS-IND-T-1075 Datasheet
30Kb / 1P
   FLYBACK TRANSFORMER
T-1198 RHOMBUS-IND-T-1198 Datasheet
26Kb / 1P
   Flyback Transformer
T-1311 RHOMBUS-IND-T-1311 Datasheet
65Kb / 1P
   Flyback Transformer
logo
Coilcraft lnc.
A0009-AL COILCRAFT-A0009-AL Datasheet
149Kb / 1P
   Flyback Transformer
B0695-AL COILCRAFT-B0695-AL Datasheet
181Kb / 1P
   Flyback Transformer
C1099-AL COILCRAFT-C1099-AL Datasheet
204Kb / 1P
   Flyback Transformer
CJ5143-AL COILCRAFT-CJ5143-AL Datasheet
176Kb / 1P
   Flyback Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com