Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4275-15ASC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C4275-15ASC
Description  32K/64Kx18 Deep Sync FIFOs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4275-15ASC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C4275-15ASC Datasheet HTML 2Page - Cypress Semiconductor CY7C4275-15ASC Datasheet HTML 3Page - Cypress Semiconductor CY7C4275-15ASC Datasheet HTML 4Page - Cypress Semiconductor CY7C4275-15ASC Datasheet HTML 5Page - Cypress Semiconductor CY7C4275-15ASC Datasheet HTML 6Page - Cypress Semiconductor CY7C4275-15ASC Datasheet HTML 7Page - Cypress Semiconductor CY7C4275-15ASC Datasheet HTML 8Page - Cypress Semiconductor CY7C4275-15ASC Datasheet HTML 9Page - Cypress Semiconductor CY7C4275-15ASC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
CY7C4275
CY7C4285
Document #: 38-06008 Rev. *A
Page 6 of 21
tPAEsynch
Clock to Programmable Almost-Full Flag
(Synchronous mode, VCC/SMODE tied to VSS)
8
10
15
ns
tHF
Clock to Half-Full Flag
12
16
20
ns
tXO
Clock to Expansion Out
6
10
15
ns
tXI
Expansion in Pulse Width
4.5
6.5
10
ns
tXIS
Expansion in Set-Up Time
4
5
10
ns
tSKEW1
Skew Time between Read Clock and Write Clock for
Full Flag
5
6
10
ns
tSKEW2
Skew Time between Read Clock and Write Clock for
Empty Flag
5
6
10
ns
tSKEW3
Skew Time between Read Clock and Write Clock for
Programmable Almost Empty and Programmable Al-
most Full Flags (Synchronous Mode only)
10
15
18
ns
Switching Characteristics Over the Operating Range (continued)
7C42X5-10
7C42X5-15
7C42X5-25
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit


Similar Part No. - CY7C4275-15ASC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4275V CYPRESS-CY7C4275V Datasheet
283Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4275V CYPRESS-CY7C4275V Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4275V CYPRESS-CY7C4275V Datasheet
603Kb / 24P
   8 K/16 K/32 K/64 K x 18 Low Voltage Deep Sync FIFOs
CY7C4275V-10ASC CYPRESS-CY7C4275V-10ASC Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4275V-10ASC CYPRESS-CY7C4275V-10ASC Datasheet
283Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
More results

Similar Description - CY7C4275-15ASC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4255V CYPRESS-CY7C4255V Datasheet
283Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V_02 Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com