Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T121075 Datasheet(PDF) 1 Page - E-SWITCH

Part # T121075
Description  ALL DIMENSION IN MM[INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T121075 Datasheet(HTML) 1 Page - E-SWITCH

  T121075 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100DP1T1B2M6RE
2:1
9/15/04
T121075
A
AR
1
1
PC MOUNTING
A
14319
RELEASED FOR PRODUCTION
9/15/04
AR
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3, 5-6
OPEN
2-1, 5-4
2
1
3
CIRCUI: DPDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
4
5
6
3
8.40
[.331 in]
10.41
[.410 in]
12.70
[.500 in]
11.43
[.450 in]
6
5
4
6
2.92
[.115 in]
n
3.81
[.150 in]
1.27
[.050 in]
12.70
[.500 in]
.51
[.020 in]
4.70
[.185 in] TYP.
.76
[.030 in] TYP.
3.81
[.150 in]
4.70
[.185 in]
5.08
[.200 in]
12.70
[.500 in]
n1.85
[.073 in]
TYP.
25
~
POS. 1
POS. 3
EPOXY SEAL
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4 (VA) Max. @20V Max.
6. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.


Similar Part No. - T121075

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T121070 E-SWITCH-T121070 Datasheet
127Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121071 E-SWITCH-T121071 Datasheet
37Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121072 E-SWITCH-T121072 Datasheet
32Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121073 E-SWITCH-T121073 Datasheet
34Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121074 E-SWITCH-T121074 Datasheet
138Kb / 1P
   ALL DIMENSION IN MM[INCH]
More results

Similar Description - T121075

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T121058 E-SWITCH-T121058 Datasheet
35Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121069 E-SWITCH-T121069 Datasheet
61Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121083 E-SWITCH-T121083 Datasheet
147Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121086 E-SWITCH-T121086 Datasheet
112Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121101 E-SWITCH-T121101 Datasheet
43Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121073 E-SWITCH-T121073 Datasheet
34Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121085 E-SWITCH-T121085 Datasheet
55Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121056 E-SWITCH-T121056 Datasheet
144Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121078 E-SWITCH-T121078 Datasheet
199Kb / 1P
   ALL DIMENSION IN MM[INCH]
T121098 E-SWITCH-T121098 Datasheet
103Kb / 1P
   ALL DIMENSION IN MM[INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com