Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC59282RGET Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59282RGET
Description  16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59282RGET Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC59282RGET Datasheet HTML 7Page - Texas Instruments TLC59282RGET Datasheet HTML 8Page - Texas Instruments TLC59282RGET Datasheet HTML 9Page - Texas Instruments TLC59282RGET Datasheet HTML 10Page - Texas Instruments TLC59282RGET Datasheet HTML 11Page - Texas Instruments TLC59282RGET Datasheet HTML 12Page - Texas Instruments TLC59282RGET Datasheet HTML 13Page - Texas Instruments TLC59282RGET Datasheet HTML 14Page - Texas Instruments TLC59282RGET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
100k
10k
1k
0
10
20
30
50
OutputCurrent(mA)
40
1010
5049
3366
2524
1683
25245
10098
2020
1122
1262
1443
50
45
40
35
30
25
20
15
10
5
0
0
0.5
1
1.5
2
2.5
3
OutputVoltage(V)
T =+25 C
°
A
I =35mA
O
I =30mA
O
I =20mA
O
I =10mA
O
I =5mA
O
I =2mA
O
I =45mA
O
I =40mA
O
40
39
38
37
36
35
34
33
32
31
30
0
0.5
1
1.5
2
2.5
3
OutputVoltage(V)
I =35mA
O
T = 40
-
°
C
A
T =+25 C
°
A
T =+85 C
°
A
4
3
2
1
0
1
2
3
4
-
-
-
-
-
40
-
20
0
20
40
60
80
100
AmbientTemperature( C)
°
I =35mA
O
V
=5V
CC
V
=3.3V
CC
Time(20ns/div)
CH1(2V/div)
CH2(2V/div)
CH3(2V/div)
CH3-OUT3
(BLANK=30ns)
C 2-OUT0
(BLANK=30ns)
H
CH1-BLANK
(30ns)
I
=35mA,T =+25 C
R =130
C =15pF
V
=3.3V,V
=5.5V
°
W,
OLC
A
L
L
CC
LED
4
3
2
1
0
1
2
3
4
-
-
-
-
0
10
20
30
50
OutputCurrent(mA)
T =+25 C
°
A
V
=5V
CC
V
=3.3V
CC
40
TLC59282
www.ti.com
SBVS152C
– DECEMBER 2010 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS
At VCC = 3.3 V and TA = +25°C, unless otherwise noted.
REFERENCE RESISTOR
OUTPUT CURRENT vs
vs OUTPUT CURRENT
OUTPUT VOLTAGE
Figure 10.
Figure 11.
OUTPUT CURRENT vs
OUTPUT VOLTAGE
ΔIOLC vs AMBIENT TEMPERATURE
Figure 12.
Figure 13.
CONSTANT-CURRENT OUTPUT
ΔIOLC vs OUTPUT CURRENT
VOLTAGE WAVEFORM
Figure 14.
Figure 15.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLC59282


Similar Part No. - TLC59282RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59282RGE TI-TLC59282RGE Datasheet
1Mb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282RGER TI-TLC59282RGER Datasheet
1Mb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
More results

Similar Description - TLC59282RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59282 TI-TLC59282 Datasheet
479Kb / 21P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282DBQR TI-TLC59282DBQR Datasheet
1Mb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59284 TI-TLC59284 Datasheet
975Kb / 23P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Switching Delay
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com