Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD4448HCDW Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # MMBD4448HCDW
Description  Surface Mount Fast Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MMBD4448HCDW Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  MMBD4448HCDW Datasheet HTML 1Page - Diode Semiconductor Korea MMBD4448HCDW Datasheet HTML 2Page - Diode Semiconductor Korea MMBD4448HCDW Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface Mount Fast Switching Diodes
MMBD4448HCQW/AQW/ADW/CDW/SDW/TW
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)R
IR=100μA
80
-
V
Average reverse current
IR
VR=70V
VR=75V,Tj=150℃
VR=25V,Tj=150℃
VR=20V
-
-
-
-
100
50
30
25
nA
uA
uA
nA
Forward voltage
VF
IF=5.0mA
IF=10mA
IF=100mA
IF=150mA
0.62
-
-
-
0.72
0.855
1.0
1.25
V
Total Capacitance
CT
VR=6V,f=1.0MHz
-
3.5
pF
Reverse Recovery time
trr
IF=5mA, VR=6V
-
4.0
ns
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - MMBD4448HCDW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HCDW DIODES-MMBD4448HCDW Datasheet
77Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 7 - 2
MMBD4448HCDW DIODES-MMBD4448HCDW Datasheet
440Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 14 - 2
logo
Weitron Technology
MMBD4448HCDW WEITRON-MMBD4448HCDW Datasheet
2Mb / 4P
   Surface Mount Switching Multi-Chip Diode Array
logo
SeCoS Halbleitertechnol...
MMBD4448HCDW SECOS-MMBD4448HCDW Datasheet
1Mb / 2P
   Surface Mount Switching Diode Array
logo
Micro Commercial Compon...
MMBD4448HCDW MCC-MMBD4448HCDW Datasheet
190Kb / 4P
   200mW Switching Diodes
More results

Similar Description - MMBD4448HCDW

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S Datasheet
163Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99DW BILIN-BAV99DW Datasheet
165Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LS4448 PANJIT-LS4448_13 Datasheet
82Kb / 5P
   FAST SWITCHING SURFACE MOUNT DIODES
1N4150 PANJIT-1N4150_14 Datasheet
113Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Diode Semiconductor Kor...
BAV70DW DSK-BAV70DW Datasheet
230Kb / 3P
   Surface Mount Fast Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com