Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV21WS Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAV21WS
Description  Silicon Epitaxial Planar Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAV21WS Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAV21WS Datasheet HTML 1Page - Diode Semiconductor Korea BAV21WS Datasheet HTML 2Page - Diode Semiconductor Korea BAV21WS Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Epitaxial Planar Diode BAV19WS/BAV20WS/BAV21WS
FEATURES
Pb
Lead-free
Fast Switching Speed.
Surface Mount Package Ideally Suited For
Automatic Insertion
For General Purpose Switching Applications
High Conductance
APPLICATIONS
SOD-323
Surface mount fast switching diode
ORDERING INFORMATION
Type No.
Marking
Package Code
BAV19WS
A8
SOD-323
BAV20WS
T2
SOD-323
BAV21WS
T3
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol BAV19WS BAV20WS
BAV21WS Unit
Repetitive Peak Reverse Voltage
VRRM
120
200
250
V
Working Peak Reverse Voltage
DC Reverse Voltage
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current
IFM
400
mA
Average Rectified Output Current
Io
200
mA
Non-Repetitive Peak Forward Surge Current
@t=1.0 μs
@t=1.0 s
IFSM
2.5
0.5
Repetitive Peak Forward Surge Current
IFRM
625
mA
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient Air
RθJA
625
/W
Operating and Storage Temperature Rage
Tj,TSTG
-65 to+150
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAV21WS

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
BAV21WS CHENDA-BAV21WS Datasheet
447Kb / 4P
   Silicon Epi taxial Planar Diode
logo
Pan Jit International I...
BAV21WS PANJIT-BAV21WS Datasheet
104Kb / 3P
   SURFACT MOUNT SWITCHING DIODES
logo
Micro Commercial Compon...
BAV21WS MCC-BAV21WS Datasheet
264Kb / 4P
   250mW Small Signal Diodes 120 to 250 Volts
logo
Guangdong Kexin Industr...
BAV21WS KEXIN-BAV21WS Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
logo
Shanghai Leiditech Elec...
BAV21WS LEIDITECH-BAV21WS Datasheet
744Kb / 3P
   Fast Switching Speed Surface Mount Package Ideally Suited For Automatic Insertion
More results

Similar Description - BAV21WS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com