Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5973D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5973D
Description  TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5973D Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5973D Datasheet HTML 6Page - Texas Instruments TLC5973D Datasheet HTML 7Page - Texas Instruments TLC5973D Datasheet HTML 8Page - Texas Instruments TLC5973D Datasheet HTML 9Page - Texas Instruments TLC5973D Datasheet HTML 10Page - Texas Instruments TLC5973D Datasheet HTML 11Page - Texas Instruments TLC5973D Datasheet HTML 12Page - Texas Instruments TLC5973D Datasheet HTML 13Page - Texas Instruments TLC5973D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
TLC5973
SBVS225B – MARCH 2013 – REVISED MAY 2014
www.ti.com
8 Detailed Description
8.1 Overview
The TLC5973 is 3-channel, 50-mA, constant-current LED driver that can control LED on-time with pulse width
modulation (PWM) in 4096 steps for grayscale (GS) control. A maximum of 68 billion colors can be generated
with red, green, and blue LEDs connected to each constant-current output. Furthermore, a reference clock
generator is implemented in the device, which means that the reference clock for PWM timing control is not
required to be supplied from an external clock generator or controller.
The device adopts a single-wire input or output system. Therefore, communication wire cost and communication
wire failure are reduced. Further wire cost reduction can be attained when supplying power to the device. One
wire can be eliminated because the device power can be generated from the LED power line with the internal
shunt regulator.
The device can reduce the amount of incorrect data writes because the one-write command is required to write
GS data to the device. The maximum data transfer rate for the device is 3 Mbps. Therefore, GS data can be
updated with a high refresh rate even if many devices are connected in series. The number of TLC5973 devices
connected in series is not limited because the TLC5973 has an internal buffer that drives the output signal.
10
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TLC5973


Similar Part No. - TLC5973D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5973D TI1-TLC5973D Datasheet
360Kb / 27P
[Old version datasheet]   3-Channel, 12-Bit, PWM Constant-Current LED Driver
TLC5973DR TI1-TLC5973DR Datasheet
360Kb / 27P
[Old version datasheet]   3-Channel, 12-Bit, PWM Constant-Current LED Driver
More results

Similar Description - TLC5973D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59731 TI-TLC59731 Datasheet
428Kb / 24P
[Old version datasheet]   3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
TLC5973D TI1-TLC5973D Datasheet
360Kb / 27P
[Old version datasheet]   3-Channel, 12-Bit, PWM Constant-Current LED Driver
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
A6280_V ALLEGRO-A6280_V Datasheet
327Kb / 13P
   3-Channel Constant-Current LED Driver with Programmable PWM Control
A6281EESTR-T ALLEGRO-A6281EESTR-T Datasheet
263Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
logo
WORLDSEMI CO., LIMITED
WS2801 WORLDSEMI-WS2801 Datasheet
373Kb / 15P
   3-Channel Constant Current LED Driver With Programmable PWM Outputs
logo
Toshiba Semiconductor
TB62D787FTG TOSHIBA-TB62D787FTG Datasheet
643Kb / 34P
   24-channel constant current LED driver with single wire
TB62D786FTG TOSHIBA-TB62D786FTG Datasheet
661Kb / 28P
   9-channel constant current LED driver with single wire
logo
ON Semiconductor
CAT4109V-GT2 ONSEMI-CAT4109V-GT2 Datasheet
176Kb / 11P
   3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
Doc. No. MD-5042, Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com