Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A23157DGSR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A23157DGSR
Description  SPDT ANALOG SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A23157DGSR Datasheet(HTML) 3 Page - Texas Instruments

  TS5A23157DGSR Datasheet HTML 1Page - Texas Instruments TS5A23157DGSR Datasheet HTML 2Page - Texas Instruments TS5A23157DGSR Datasheet HTML 3Page - Texas Instruments TS5A23157DGSR Datasheet HTML 4Page - Texas Instruments TS5A23157DGSR Datasheet HTML 5Page - Texas Instruments TS5A23157DGSR Datasheet HTML 6Page - Texas Instruments TS5A23157DGSR Datasheet HTML 7Page - Texas Instruments TS5A23157DGSR Datasheet HTML 8Page - Texas Instruments TS5A23157DGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TS5A23157
10 W SPDT ANALOG SWITCH
SCDS165 − MAY 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY (CONTINUED)
(V+ = 4.5 V to 5.5 V; TA = −40°C to 85°C) (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP†
MAX
UNIT
DYNAMIC
Turnon time
tON
VNC = GND and VNO = V+
or
VNC = V+ and VNO = GND,
RL = 500 Ω,
CL = 50 pF,
see Figure 13
Full
4.5 V to
5.5 V
1.7
5.7
ns
Turnoff time
tOFF
VNC = GND and VNO = V+
or
VNC = V+ and VNO = GND,
RL = 500 Ω,
CL = 50 pF,
see Figure 13
Full
4.5 V to
5.5 V
0.8
3.8
ns
Break-before-make
time
tBBM
VNC = VNO = V+/2,
RL = 50 Ω,
CL = 35 pF,
see Figure 14
Full
4.5 V to
5.5 V
0.5
ns
Charge injection
QC
RL = 1 MΩ,
CL = 0.1 nF,
see Figure 18
25
°C
5 V
7
pC
NC, NO
OFF capacitance
CNC(OFF),
CNO(OFF)
VNC or VNO = V+ or GND,
Switch OFF,
see Figure 12
25
°C
5 V
5.5
pF
NC, NO
ON capacitance
CNC(ON),
CNO(ON)
VNC or VNO = V+ or GND,
Switch ON,
see Figure 12
25
°C
5 V
17.5
pF
COM
ON capacitance
CCOM(ON) VCOM = V+ or GND,
Switch ON,
see Figure 12
25
°C
5 V
17.5
pF
Digital input
capacitance
CIN
VIN = V+ or GND,
see Figure 12
25
°C
5 V
2.8
pF
Bandwidth
BW
RL = 50 Ω,
Switch ON,
see Figure 15
25
°C
4.5 V
220
MHz
OFF isolation
OISO
RL = 50 Ω,
f = 10 MHz,
Switch OFF,
see Figure 16
25
°C
4.5 V
−65
dB
Crosstalk
XTALK
RL = 50 Ω,
f = 10 MHz,
Switch ON,
see Figure 17
25
°C
4.5 V
−66
dB
Total harmonic
distortion
THD
RL = 600 Ω,
CL = 50 pF,
f = 600 Hz to
20 kHz,
see Figure 19
25
°C
4.5 V
0.01
%
SUPPLY
Positive supply
I+
VIN = V+ or GND,
Switch ON or OFF
25
°C
5.5 V
1
A
Positive supply
current
I+
VIN = V+ or GND,
Switch ON or OFF
Full
5.5 V
10
µA
Change in
supply current
∆I+
VIN = V+ − 0.6 V
Full
5.5 V
500
µA
† TA = 25°C


Similar Part No. - TS5A23157DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23157DGSR TI-TS5A23157DGSR Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157DGSRE4 TI-TS5A23157DGSRE4 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157DGSRG4 TI-TS5A23157DGSRG4 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
More results

Similar Description - TS5A23157DGSR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
   SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157_15 Datasheet
198Kb / 7P
   SPDT Analog Switch
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_15 Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
TS5A3157DCKRG4 TI1-TS5A3157DCKRG4 Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com