Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1856-SP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UC1856-SP
Description  Improved Current-Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1856-SP Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC1856-SP Datasheet HTML 2Page - Texas Instruments UC1856-SP Datasheet HTML 3Page - Texas Instruments UC1856-SP Datasheet HTML 4Page - Texas Instruments UC1856-SP Datasheet HTML 5Page - Texas Instruments UC1856-SP Datasheet HTML 6Page - Texas Instruments UC1856-SP Datasheet HTML 7Page - Texas Instruments UC1856-SP Datasheet HTML 8Page - Texas Instruments UC1856-SP Datasheet HTML 9Page - Texas Instruments UC1856-SP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
UC1856-SP
SLUSBV6 – APRIL 2014
www.ti.com
Electrical Characteristics (continued)
Unless otherwise stated, these specifications apply for TA –55°C to +125°C, VIN = 15 V, RT = 10 kΩ, CT = 1 nF, TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT ADJUST SECTION
Current limit offset
VCS– = 0 V , VCS+ = 0V, COMP = Open
(4)
0.43
0.5
0.57
V
Input bias current
–10
–30
µA
SHUTDOWN PIN SECTION
Threshold voltage
0.95
1
1.05
V
Input voltage range
0
5
V
Minimum latching current (ICL SS)
See (5)
3
1.5
mA
Maximum non-latching current (ICL SS)
See (6)
1.5
0.8
mA
Delay to outputs
VSHUTDOWN = 0 V to 1 .3 V
65
110
ns
OUTPUT SECTION
Collector-emitter voltage
40
V
Off-state bias current
VC = 40 V
250
µA
lOUT = 20 mA
0.1
0.5
Output low level
V
lOUT = 200 mA
0.5
2.6
lOUT = –20 mA
12.5
13.2
Output high level
V
lOUT = –200 mA
12
13.1
Rise time
C1 = 1 nF
40
80
ns
Fall time
C1 = 1 nF
40
80
ns
UVLO low saturation
VIN = 0 V, lOUT = 20 mA
0.8
1.5
V
PWM SECTION
Maximum duty cycle
45%
47%
50%
Minimum duty cycle
0%
UNDERVOLTAGE LOCKOUT SECTION
Startup threshold
7.7
8
V
Threshold hysterisis
0.7
V
TOTAL STANDBY CURRENT
Supply current
18
23
mA
(4)
Parameter measured at trip point of latch with VEA+ = VREF, VEA– = 0 V.
(5)
Current into CL SS ensued to latch circuit into shutdown state.
(6)
Current into CL SS ensured not to latch circuit into shutdown state.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: UC1856-SP


Similar Part No. - UC1856-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1856-SP TI-UC1856-SP_15 Datasheet
454Kb / 23P
[Old version datasheet]   UC1856-SP Improved Current-Mode PWM Controller
More results

Similar Description - UC1856-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1856J TI-UC1856J Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC2856-Q1 TI-UC2856-Q1_15 Datasheet
685Kb / 16P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
UC1856 TI-UC1856 Datasheet
386Kb / 9P
[Old version datasheet]   Improved Current Mode PWM Controller
UC2856-Q1 TI-UC2856-Q1 Datasheet
218Kb / 12P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
UC2856Q TI-UC2856Q Datasheet
260Kb / 12P
[Old version datasheet]   IMPROVED CURRENT MODE PWM CONTROLLER
UC2856Q TI-UC2856Q_15 Datasheet
685Kb / 15P
[Old version datasheet]   IMPROVED CURRENT MODE PWM CONTROLLER
UC3856N TI1-UC3856N Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC1856 TI1-UC1856_12 Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC1856-SP TI-UC1856-SP_15 Datasheet
454Kb / 23P
[Old version datasheet]   UC1856-SP Improved Current-Mode PWM Controller
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com