Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1842A-SP Datasheet(PDF) 1 Page - Texas Instruments

Part # UC1842A-SP
Description  QML Class V, Current-Mode PWM Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1842A-SP Datasheet(HTML) 1 Page - Texas Instruments

  UC1842A-SP_15 Datasheet HTML 1Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 2Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 3Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 4Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 5Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 6Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 7Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 8Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
7
5
4
2
1
3
8
7
6
5
V
CC
Gnd
R
T/CT
V
FB
Comp
C/S
V
REF
5.0 V
50 mA
V
C
Output
Pwr
Ground
PWM
Latch
5-V
REF
S/R
UVLO
34 V
2.5 V
Osc
Error
Amplifier
2R
R
1 V
Current
Sense
Comparator
Internal
Bias
V
Good
Logic
REF
S
R
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
UC1842A-SP, UC1843A-SP, UC1844A-SP
SLUS872D – JANUARY 2009 – REVISED MAY 2015
UC184xA-SP QML Class V, Current-Mode PWM Controller
1 Features
2 Applications
1
QML Class V (QMLV) Qualified, SMD 5962-86704
DC-DC Converters
Rad-Tolerant: 30 kRad (Si) TID (1) (2)
Supports Various Topologies:
Optimized for Offline and DC-to-DC Converters
Flyback, Forward, Buck, Boost
Low Start-Up Current (<0.5 mA)
Push-Pull, Half-Bridge, Full Bridge With
External Interface Circuit
Trimmed Oscillator Discharge Current
Available in Military Temperature Range (–55°C to
Automatic Feed Forward Compensation
125°C)
Pulse-by-Pulse Current Limiting
Enhanced Load Response Characteristics
3 Description
Undervoltage Lockout (UVLO) With Hysteresis
The UC184xA family of control ICs is a pin-for-pin
Double-Pulse Suppression
compatible improved version of the UC184x family.
Providing the necessary features to control current-
High-Current Totem-Pole Output
mode switched-mode power supplies, this device has
Internally-Trimmed Bandgap Reference
the following improved features. Start up current is
500-kHz Operation
specified to be less than 0.5 mA. Oscillator discharge
is trimmed to 8.3 mA. During UVLO, the output stage
Low RO Error Amplifier
can sink at least 10 mA at less than 1.2 V for VCC
over 5 V.
The Device Comparison Table shows the difference
between members of this family. Reference the
individual product data sheets for ordering the
radiation-improved version if available.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
(1)
The LDR improved die is only available in the UC1843A-SP
UC1842A-SP
CDIP (8)
6.67 mm × 9.60 mm
(orderable as 5962-8670409VPA). Contact factory to request
UC1843A-SP
an LDR-improved version of the UC1842A-SP or UC1844A-
LCCC (20)
8.89 mm × 8.89 mm
UC1844A-SP
SP.
(2)
Radiation tolerance is a typical value based upon initial device
(1) For all available packages, see the orderable addendum at
qualification with dose rate = 10 mrad/s. Radiation lot
the end of the data sheet.
acceptance testing is available - contact factory for details.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - UC1842A-SP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_16 Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
More results

Similar Description - UC1842A-SP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_16 Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843-SP TI-UC1843-SP_15 Datasheet
283Kb / 13P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLER
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
[Old version datasheet]   QML CLASS V PRECISION TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com