Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1517L Datasheet(PDF) 1 Page - Texas Instruments

Part # UC1517L
Description  Stepper Motor Drive Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1517L Datasheet(HTML) 1 Page - Texas Instruments

  UC1517L Datasheet HTML 1Page - Texas Instruments UC1517L Datasheet HTML 2Page - Texas Instruments UC1517L Datasheet HTML 3Page - Texas Instruments UC1517L Datasheet HTML 4Page - Texas Instruments UC1517L Datasheet HTML 5Page - Texas Instruments UC1517L Datasheet HTML 6Page - Texas Instruments UC1517L Datasheet HTML 7Page - Texas Instruments UC1517L Datasheet HTML 8Page - Texas Instruments UC1517L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
8/94
Stepper Motor Drive Circuit
UC1517
UC3517
ABSOLUTE MAXIMUM RATINGS
Second Level Supply, VSS . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
Phase Output Supply, VMM . . . . . . . . . . . . . . . . . . . . . . . . . 40V
Logic Supply, VCC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . -.3V to +7V
Logic Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±10mA
Output Current, Each Phase . . . . . . . . . . . . . . . . . . . . . . 500mA
Output Current, Emitter Follower . . . . . . . . . . . . . . . . . . -500mA
Power Dissipation, (Note). . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
Power Dissipation, (Note) . . . . . . . . . . . . . . . . . . . . . . . . . . . 2W
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
Ambient Temperature, UC1517 . . . . . . . . . . . . -55°C to +125°C
Ambient Temperature, UC3517 . . . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . -55°C to +150°C
Note: Consult Packaging section of Databook for thermal
limitations and considerations of package.
BLOCK DIAGRAM
FEATURES
Complete Motor Driver and Encoder
Continuous Drive Capability 350mA per Phase
Contains all Required Logic for Full and Half
Stepping
Bilevel Operation for Fast Step Rates
Operates as a Voltage Doubler
Useable as a Phase Generator and/or as a
Driver
Power-On Reset Guarantees Safe,
Predictable Power-Up
DESCRIPTION
The UC3517 contains four NPN drivers that operate in two-phase
fashion for full-step and half-step motor control.
The UC3517
also contains two emitter followers, two monostables, phase de-
coder logic, power-on reset, and low-voltage protection, making it
a versatile system for driving small stepper motors or for control-
ling large power devices.
The emitter followers and monostables in the UC3517 are config-
ured to apply higher-voltage pulses to the motor at each step
command. This drive technique, called “Bilevel,” allows faster
stepping than common resistive current limiting, yet generates
less electrical noise than chopping techniques.


Similar Part No. - UC1517L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1517 TI-UC1517 Datasheet
402Kb / 8P
[Old version datasheet]   Stepper Motor Drive Circuit
More results

Similar Description - UC1517L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
SLUS369 TI1-SLUS369 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717A TI1-UC3717A_9 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI-UC1517 Datasheet
402Kb / 8P
[Old version datasheet]   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com