Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1030CN Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LT1030CN
Description  QUADRUPLE LOW-POWER LINE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LT1030CN Datasheet(HTML) 3 Page - Texas Instruments

  LT1030CN Datasheet HTML 1Page - Texas Instruments LT1030CN Datasheet HTML 2Page - Texas Instruments LT1030CN Datasheet HTML 3Page - Texas Instruments LT1030CN Datasheet HTML 4Page - Texas Instruments LT1030CN Datasheet HTML 5Page - Texas Instruments LT1030CN Datasheet HTML 6Page - Texas Instruments LT1030CN Datasheet HTML 7Page - Texas Instruments LT1030CN Datasheet HTML 8Page - Texas Instruments LT1030CN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LT1030C
QUADRUPLE LOW-POWER LINE DRIVER
SLLS048F – APRIL 1989 – REVISED APRIL 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC+ (see Note 1)
0 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VCC–
0 V to –15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, logic inputs, VI
VCC– to 25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range at ON/OFF, VI
0 V to 12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (any output)
VCC+ – 30 V to VCC– + 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of output short circuit to
±30 V at (or below) 25°C (see Note 2)
Unlimited
. . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): D package
127
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
78
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages, are with respect to GND.
2. The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum
dissipation rating is not exceeded.
3. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC+
5
15
V
Supply voltage, VCC–
–5
–15
V
High-level input voltage, VIH (see Note 4)
2
15
V
Low-level input voltage, VIL (see Note 4)
0.8
V
Operating free-air temperature, TA
0
70
°C
NOTE 4: These VIH and VIL specifications apply only for inputs IN1–IN4. For operating levels for ON/OFF, see Figure 2.
electrical characteristics over operating free-air temperature range, VCC± = ±5 V to ±15 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VOM+
Maximum positive peak output voltage swing
IO = –2 mA,
TA = 25°C
VCC+–0.3
VCC+–0.1
V
VOM–
Maximum negative peak output voltage swing
IO = 2 mA,
TA = 25°C
VCC–+0.9
VCC–+1.4
V
IIH
High-level input current
VI ≥ 2 V,
TA = 25°C
2
20
µA
IIL
Low-level input current
VI ≤ 0.8 V,
TA = 25°C
–10
–20
µA
II
Input current ON/OFF
VI = 0
–0.1
–10
µA
II
Input current, ON/OFF
VI = 5 V
30
65
µA
IO
Output current
TA = 25°C
5
12
mA
IOZ
Off-state output current
VO = ±15 V, TA = 25°C,
ON/OFF at 0.4 V
±2
±100
µA
ICC
Supply current (all outputs low)
VI ≥ at 2.4 V, IO = 0
500
1000
µA
ICC( ff)
Off state supply current
ON/OFF at 0.4 V
10
µA
ICC(off)
Off-state supply current
ON/OFF at 0.1 V
10
150
µA
‡ All typical values are at VCC± = ±12 V, TA = 25°C.


Similar Part No. - LT1030CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1030CN TI-LT1030CN Datasheet
112Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVER
logo
Linear Technology
LT1030CN LINER-LT1030CN Datasheet
174Kb / 4P
   Quad Low Power Line Driver
More results

Similar Description - LT1030CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1030C TI-LT1030C Datasheet
112Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVER
SN55LBC172 TI-SN55LBC172_07 Datasheet
392Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172 TI-SN55LBC172 Datasheet
177Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI-SN65LBC172 Datasheet
157Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI1-SN65LBC172_16 Datasheet
1Mb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174_14 Datasheet
305Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI-SN55LBC174 Datasheet
138Kb / 9P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com