Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1009CDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LT1009CDR
Description  2.5-V INTEGRATED REFERENCE CIRCUIT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LT1009CDR Datasheet(HTML) 2 Page - Texas Instruments

  LT1009CDR Datasheet HTML 1Page - Texas Instruments LT1009CDR Datasheet HTML 2Page - Texas Instruments LT1009CDR Datasheet HTML 3Page - Texas Instruments LT1009CDR Datasheet HTML 4Page - Texas Instruments LT1009CDR Datasheet HTML 5Page - Texas Instruments LT1009CDR Datasheet HTML 6Page - Texas Instruments LT1009CDR Datasheet HTML 7Page - Texas Instruments LT1009CDR Datasheet HTML 8Page - Texas Instruments LT1009CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Q14
Q11
Q13
Q12
Q9
Q10
Q8
Q7
Q2
Q1
Q3
Q4
Q5
Q6
ANODE
CATHODE
ADJ
30 k
500
720
10 k
20 pF
30 pF
24 k
24 k
6.6 k
6.6 k
LT1009
SLVS013N – MAY 1987 – REVISED MAY 2009................................................................................................................................................................. www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 75
LT1009CD
SOIC – D
1009C
Reel of 2500
LT1009CDR
Bulk of 1000
LT1009CLP
0°C to 70°C
TO-226/TO-92 – LP
Ammo of 2000
LT1009CLPM
LT1009C
Reel of 2000
LT1009CLPR
Tube of 150
LT1009CPW
TSSOP – PW
1009C
Reel of 2000
LT1009CPWR
Tube of 75
LT1009ID
SOIC – D
1009I
Reel of 2500
LT1009IDR
Bulk of 1000
LT1009ILP
–40°C to 85°C
TO-226/TO-92 – LP
Ammo of 2000
LT1009ILPM
LT1009I
Reel of 2000
LT1009ILPR
Tube of 150
LT1009IPW
TSSOP – PW
1009I
Reel of 2000
LT1009IPWR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
SCHEMATIC
NOTE: All component values shown are nominal.
2
Submit Documentation Feedback
Copyright © 1987–2009, Texas Instruments Incorporated
Product Folder Link(s): LT1009


Similar Part No. - LT1009CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1009CDR TI-LT1009CDR Datasheet
328Kb / 17P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009CDRE4 TI-LT1009CDRE4 Datasheet
328Kb / 17P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009CDRG4 TI-LT1009CDRG4 Datasheet
328Kb / 17P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
More results

Similar Description - LT1009CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1009 TI-LT1009_06 Datasheet
328Kb / 17P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI-LT1009_15 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI1-LT1009M Datasheet
158Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI-LT1009M_15 Datasheet
128Kb / 11P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LM236-2.5 TI1-LM236-2.5_17 Datasheet
565Kb / 16P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM236 TI-LM236 Datasheet
95Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM236-2.5 TI-LM236-2.5_15 Datasheet
433Kb / 14P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
logo
NEC
UPC1060 NEC-UPC1060 Datasheet
53Kb / 8P
   2.5 V HIGH PRECISION REFERENCE VOLTAGE CIRCUIT
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
logo
NTE Electronics
NTE998 NTE-NTE998 Datasheet
19Kb / 2P
   Integrated Circuit 1.22V Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com