Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA6650 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA6650
Description  5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6650 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA6650 Datasheet HTML 1Page - NXP Semiconductors TDA6650 Datasheet HTML 2Page - NXP Semiconductors TDA6650 Datasheet HTML 3Page - NXP Semiconductors TDA6650 Datasheet HTML 4Page - NXP Semiconductors TDA6650 Datasheet HTML 5Page - NXP Semiconductors TDA6650 Datasheet HTML 6Page - NXP Semiconductors TDA6650 Datasheet HTML 7Page - NXP Semiconductors TDA6650 Datasheet HTML 8Page - NXP Semiconductors TDA6650 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
2004 Mar 22
5
Philips Semiconductors
Product specification
5 V mixer/oscillator and low noise PLL synthesizer
for hybrid terrestrial tuner (digital and analog)
TDA6650TT;
TDA6651TT
5
BLOCK DIAGRAM
handbook, full pagewidth
FRACTIONAL
DIVIDER
CRYSTAL
OSCILLATOR
POR
SCL
SDA
AS
BVS
15 (24)
XTAL1
VT
HOSCIN2
HOSCOUT2
HOSCOUT1
HOSCIN1
19 (20)
5 (34)
(17) 22
CP
(16) 23
(6) 33
(3) 36
(7) 32
(8) 31
(9) 30
XTAL2
20 (19)
16 (23)
17 (22)
13 (26)
ADC
AGC
I2C-BUS
TRANSCEIVER
FRACTIONAL
CALCULATOR
PHASE
COMPARATOR
CHARGE
PUMP
OUTPUT
BUFFER
LOOP
AMP
T0, T1, T2
REFERENCE
DIVIDER
LOCK
DETECTOR
BAND SWITCH
OUTPUT PORTS
FRACTIONAL
SPURIOUS
COMPENSATION
HIGH
OSCILLATOR
HIGH
MIXER
HIGH
INPUT
BS1 . BS2
ADC/
BS5
14
(25)
N[14:0]
R0, R1,
R2
BS5-
BS1
VCCD
24 (15)
HBIN1
1 (38)
HBIN2
2 (37)
MBIN
3 (36)
LBIN
4 (35)
MOSCIN2
MOSCIN1
(4) 35
(5) 34
XTOUT
(21) 18
BS3
10
(29)
BS1
FCE723
12
(27)
BS4
8
(31)
BS2
11
(28)
AL0, AL1, AL2
ATC
AGC
flag
AGC
VCCA
T0, T1,
T2
CP0, CP1,
CP2
BS1 . BS2
MID
OSCILLATOR
MID
MIXER
MID
INPUT
BS2
BS2
LOSCOUT
LOSCIN
(2) 37
(1) 38
IFGND
(10) 29
(30) 9
LOW
OSCILLATOR
AGC
DETECTOR
IFOUTA
IFFIL1
IFOUTB
IFFIL2
7 (32)
6 (33)
27 (12)
28 (11)
26 (13)
n.c.
21 (18)
IF
AMP
LOW
MIXER
TDA6650TT
(TDA6651TT)
LOW
INPUT
BS1
BS1
PLLGND
(14) 25
OSCGND
RFGND
Fig.1 Block diagram.
The pin numbers in parenthesis represent the TDA6651TT.


Similar Part No. - TDA6650

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA6650ATT/C3 NXP-TDA6650ATT/C3 Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA6650ATT/C3/S2 NXP-TDA6650ATT/C3/S2 Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT/C3 NXP-TDA6650TT/C3 Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
More results

Similar Description - TDA6650

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
TDA18272HN NXP-TDA18272HN Datasheet
206Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-11 August 2010
TDA6508 PHILIPS-TDA6508 Datasheet
274Kb / 42P
   3-band mixer/oscillator and PLL for terrestrial tuners
2005 Mar 25
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
NXP Semiconductors
TDA6500 PHILIPS-TDA6500 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com