Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5523 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP5523
Description  LP5523 Programmable 9-Output LED Driver
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5523_16 Datasheet HTML 7Page - Texas Instruments LP5523_16 Datasheet HTML 8Page - Texas Instruments LP5523_16 Datasheet HTML 9Page - Texas Instruments LP5523_16 Datasheet HTML 10Page - Texas Instruments LP5523_16 Datasheet HTML 11Page - Texas Instruments LP5523_16 Datasheet HTML 12Page - Texas Instruments LP5523_16 Datasheet HTML 13Page - Texas Instruments LP5523_16 Datasheet HTML 14Page - Texas Instruments LP5523_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
CHARGE PUMP
1X/1.5X
C2
0.47 PF
C1
0.47 PF
COUT
1 PF
VOUT
C1+
C1- C2+
C2-
D/A
D1
D2
D6
D7
D8
D9
PROGRAM
MEMORY
50H TO 6FH;
96 INSTRUCTIONS
PWM PATTERN
GENERATOR
PWM PATTERN
GENERATOR
PWM PATTERN
GENERATOR
12 BIT PWM
PATTERN
CONTROL
8BIT
MAXIMUM
CURRENT
CONTROL
IDAC AND
HIGH SIDE
LED DRIVERS
SCL
SDA
EN
CLK
INT
ASEL1
ASEL0
TRIG
GPO
SERIAL
DATA
CTRL
REG
POR
THERMAL
SHUTDOWN
CLK
DET
1.25 MHz
OSC
BIAS
VREF
CONTROL
GND
CIN
1 PF
VDD
VDD
TEMP
COMP
-25
0
25
50
75
TEMPERATURE °C
0
25
50
75
100
MAXIMUM
SLOPE VALUE
MINIMUM
SLOPE VALUE
NO
COMP.
LP5523
www.ti.com
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
Figure 15. Temperature Compensation Principle
Compensation is effective over the temperature range
−40°C to 90°C.
LP5523 Block Diagram
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP5523


Similar Part No. - LP5523_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP55231 TI-LP55231 Datasheet
785Kb / 53P
[Old version datasheet]   LP55231 Programmable 9-Output LED Driver
LP55231 TI1-LP55231 Datasheet
1Mb / 57P
[Old version datasheet]   LP55231 Programmable 9-Output LED Driver
LP55231SQE/NOPB TI1-LP55231SQE/NOPB Datasheet
1Mb / 57P
[Old version datasheet]   LP55231 Programmable 9-Output LED Driver
LP55231SQX/NOPB TI1-LP55231SQX/NOPB Datasheet
1Mb / 57P
[Old version datasheet]   LP55231 Programmable 9-Output LED Driver
LP55231 TI1-LP55231_16 Datasheet
1Mb / 57P
[Old version datasheet]   LP55231 Programmable 9-Output LED Driver
More results

Similar Description - LP5523_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
[Old version datasheet]   Programmable 9-Output LED Driver
LP55231 TI-LP55231 Datasheet
785Kb / 53P
[Old version datasheet]   LP55231 Programmable 9-Output LED Driver
LP55231 TI1-LP55231_16 Datasheet
1Mb / 57P
[Old version datasheet]   LP55231 Programmable 9-Output LED Driver
logo
National Semiconductor ...
LP8501 NSC-LP8501 Datasheet
120Kb / 2P
   Multi-Purpose 9-Output LED Driver
logo
Texas Instruments
LP8501 TI1-LP8501 Datasheet
2Mb / 51P
[Old version datasheet]   LP8501 Multi-Purpose 9-Output LED Driver
logo
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
   48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
logo
Texas Instruments
LP8501 TI1-LP8501_14 Datasheet
647Kb / 8P
[Old version datasheet]   PRODUCT BRIEF Multi-Purpose 9-Output LED Driver
LP5522 TI1-LP5522 Datasheet
797Kb / 17P
[Old version datasheet]   Programmable LED Driver
logo
National Semiconductor ...
LP5522 NSC-LP5522 Datasheet
255Kb / 14P
   Programmable LED Driver
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
   9-channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com