Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC6C5912QDWRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC6C5912QDWRQ1
Description  TLC6C5912-Q1 Power Logic 12-Channel Shift Register LED Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6C5912QDWRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC6C5912QDWRQ1 Datasheet HTML 5Page - Texas Instruments TLC6C5912QDWRQ1 Datasheet HTML 6Page - Texas Instruments TLC6C5912QDWRQ1 Datasheet HTML 7Page - Texas Instruments TLC6C5912QDWRQ1 Datasheet HTML 8Page - Texas Instruments TLC6C5912QDWRQ1 Datasheet HTML 9Page - Texas Instruments TLC6C5912QDWRQ1 Datasheet HTML 10Page - Texas Instruments TLC6C5912QDWRQ1 Datasheet HTML 11Page - Texas Instruments TLC6C5912QDWRQ1 Datasheet HTML 12Page - Texas Instruments TLC6C5912QDWRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
7
6
SER IN
8
2
10
1
9
SRCK
5
4
12
3
11
G
RCK
0
CLR
1
DRAIN0
0
DRAIN1
DRAIN10
0
DRAIN11
0
0
MCU
CLR
10 V
SRCK
SER IN
RCK
G
GND
DRAIN
5 V
V
CC
I
D
R
L = 200 W
Output
C = 30 pF
(see Note A)
L
Copyright © 2016, Texas Instruments Incorporated
9
TLC6C5912-Q1
www.ti.com
SLIS141C – DECEMBER 2012 – REVISED JULY 2016
Product Folder Links: TLC6C5912-Q1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7 Parameter Measurement Information
A.
CL includes probe and jig capacitance.
Figure 11. Resistive-Load Test Circuit
Figure 12. Voltage Waveforms
Figure 11 and Figure 12 show the resistive-load test circuit and voltage waveforms. One can see from Figure 12
that with G held low and CLR held high, the status of each drain changes on the rising edge of the register clock,
indicating the transfer of data to the output buffers at that time.


Similar Part No. - TLC6C5912QDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6C5912 TI1-TLC6C5912 Datasheet
938Kb / 23P
[Old version datasheet]   TLC6C5912 12-Channel Shift-Register LED Driver
TLC6C5912PWR TI1-TLC6C5912PWR Datasheet
938Kb / 23P
[Old version datasheet]   TLC6C5912 12-Channel Shift-Register LED Driver
More results

Similar Description - TLC6C5912QDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6C5912 TI1-TLC6C5912 Datasheet
938Kb / 23P
[Old version datasheet]   TLC6C5912 12-Channel Shift-Register LED Driver
TLC6C598-Q1 TI1-TLC6C598-Q1_15 Datasheet
1,004Kb / 25P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598-Q1 TI1-TLC6C598-Q1_16 Datasheet
528Kb / 24P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598-Q1 TI-TLC6C598-Q1 Datasheet
927Kb / 20P
[Old version datasheet]   Power Logic 8-BIT SHIFT REGISTER LED DRIVER
TLC6C5816-Q1 TI1-TLC6C5816-Q1 Datasheet
561Kb / 31P
[Old version datasheet]   Power Logic 16-Bit Shift Register LED Driver With Diagnostics
logo
NXP Semiconductors
HEF4894BT118 PHILIPS-HEF4894BT118 Datasheet
204Kb / 19P
   12-stage shift-and-store register LED driver
Rev. 8-22 November 2011
logo
Nexperia B.V. All right...
HEF4894B-Q100 NEXPERIA-HEF4894B-Q100 Datasheet
269Kb / 15P
   12-stage shift-and-store register LED driver
Rev. 2 - 23 November 2021
logo
NXP Semiconductors
HEF4894B PHILIPS-HEF4894B_15 Datasheet
204Kb / 19P
   12-stage shift-and-store register LED driver
Rev. 8-22 November 2011
HEF4894B NXP-HEF4894B Datasheet
557Kb / 19P
   12-stage shift-and-store register LED driver
Rev. 7-13 August 2010
logo
Nexperia B.V. All right...
HEF4894B NEXPERIA-HEF4894B Datasheet
271Kb / 15P
   12-stage shift-and-store register LED driver
Rev. 10 - 23 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com