Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA400A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 5 Page - STMicroelectronics

  STA400A Datasheet HTML 1Page - STMicroelectronics STA400A Datasheet HTML 2Page - STMicroelectronics STA400A Datasheet HTML 3Page - STMicroelectronics STA400A Datasheet HTML 4Page - STMicroelectronics STA400A Datasheet HTML 5Page - STMicroelectronics STA400A Datasheet HTML 6Page - STMicroelectronics STA400A Datasheet HTML 7Page - STMicroelectronics STA400A Datasheet HTML 8Page - STMicroelectronics STA400A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 117 page
background image
5/117
STA400A
35
MCLKO
O
Master Clock Output
4mA Output Driver
36
MCLKON
O
Inverted Master Clock Output
4mA Output Driver
37
LOCK_S1
O
Satellite Dem1 Lock Indicator
2mA Output Driver
38
LOCK_S2
O
Satellite Dem2 Lock Indicator
2mA Output Driver
[42:51]
IF2TD[9:0]
I
Terr. 2nd IF Digital Input
Input Pad Buffer. High
Drive.
52
FTESTEN
I
Functional Test Enable (1=enable)
Buffer with Pull-Down
53
INTR
O
Interrupt
2mA Output Driver
56
CLKD
O
Divided Master Clock
2mA Output Driver
57
LOCK_M
O
Terrestrial Demodulator Lock Indicator
2mA Output Driver
[58:65]
IF2SD[7:0]
I
Sat. 2nd IF Digital Input
Input Pad Buffer. High
Drive
69
SCL
I
IIC-bus Serial Clock
Schmitt Trigger Buffer
70
SDA
I/O
IIC-bus Serial Data
Schmitt Trigger BiDir
Buffer. 4mA Driver
71
TEST_EN
I
ATPG Test Enable (1=Enabled)
Buffer with Pull-Down
72
SCAN_EN
I
Scan Enable (1=Enabled)
Buffer with Pull-Down
73
BIST_EN
I
RAM Bilt In Self Test Enable (1=Enabled)
Buffer with Pull-Down
74
PCTS_EF2
O
Payload Channel TSCC Sync2/ErrorFlag 2
(432 msec)
2mA Output Driver
75
PCFS2
O
Payload Channel PRC Frame Sync 2
2mA Output Driver
76
PCSD2
O
Payload Channel Serial Data 2
2mA Output Driver
77
PCDC2
O
Payload Channel Data Clock 2
2mA Output Driver
78
PCBS2
O
Payload Channel Byte Sync2 (RS Symbol)
2mA Output Driver
79
PCTS_EF1
O
Payload Channel TSCC Sync1/ ErrorFlag1
(432 msec)
2mA Output Driver
82
PCFS1
O
Payload Channel PRC Frame Sync1
2mA Output Driver
83
PCSD1
O
Payload Channel Serial Data 1
2mA Output Driver
85
PCDC1
O
Payload Channel Data Clock 1
2mA Output Driver
86
PCBS1
O
Payload Channel Byte Sync1 (RS Symbol)
2mA Output Driver
87
MAO1
O
Mobile Adapter Output #1
2mA Output Driver
88
MAO2
O
Mobile Adapter Output #2
2mA Output Driver
89,93,94
NC
Not Connected.
92
MAI1
I
Mobile Adapter Input
Buffer with Pull-Down
Pin N°
Pin Name
Type
Function
PAD Description
PIN DESCRIPTION (Continued)


Similar Part No. - STA400A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STA400 ETC1-STA400 Datasheet
177Kb / 2P
   Diode Array
More results

Similar Description - STA400A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA450A STMICROELECTRONICS-STA450A Datasheet
439Kb / 66P
   XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
STA260 STMICROELECTRONICS-STA260 Datasheet
159Kb / 7P
   Sirius SDARS channel, service & source decoder
STA240 STMICROELECTRONICS-STA240 Datasheet
116Kb / 6P
   Sirius SDARS channel, service & source decoder
logo
TriQuint Semiconductor
TQM2M9016 TRIQUINT-TQM2M9016_15 Datasheet
862Kb / 7P
   GPS/ SDARS Diplexer
logo
Broadcom Corporation.
ALM-2203 BOARDCOM-ALM-2203 Datasheet
97Kb / 2P
   SDARS LNA Module
logo
Qorvo, Inc
TQM2M9016 QORVO-TQM2M9016 Datasheet
801Kb / 7P
   GPS/ SDARS Diplexer
logo
Maxim Integrated Produc...
MAX2140 MAXIM-MAX2140_05 Datasheet
206Kb / 13P
   Complete SDARS Receiver
Rev 3; 10/05
MAX2140 MAXIM-MAX2140_V01 Datasheet
1Mb / 15P
   Complete SDARS Receiver
2015
logo
TriQuint Semiconductor
QPL6207 TRIQUINT-QPL6207 Datasheet
577Kb / 7P
   High-Linearity SDARS LNA
QPL6216 TRIQUINT-QPL6216 Datasheet
712Kb / 8P
   High-Linearity SDARS LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com