Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST3350 Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # PST3350
Description  CMOS System Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST3350 Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  PST3350 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST3350 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST3350 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST3350 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST3350 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST3350 Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST3350 Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST3350 Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST3350 Datasheet HTML 9Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MITSUMI
CMOS System Reset PST3XXX
Electrical Characteristics (Except where noted otherwise, Ta=25°C)
Measuring Circuit
Item
Symbol
Measurement
Measurement conditions
Min.
Typ.
Max.
Unit
circuit
Hysteresis voltage
Vs
1
Vs 0.03 Vs 0.05 Vs 0.08
V
Detection voltage
temperature coefficient
Vs/ T
1
Ta=-30~+85°C
±0.01
%/°C
Consumption current
ICC
1VDD=Vs+1V *1
0.25
1
µA
N-ch output current 1
2
VDD=1.2V,
Nch : VDS=0.5V
0.23
0.5
mA
N-ch output current 2
2
VDD=2.4V,
Nch : VDS=0.5V,Vs>2.5V *1
1.6
3.7
mA
N-ch output current 3
2
VDD=3.6V,
Nch : VDS=0.5V,Vs>3.7V *1
3.2
7.0
mA
P-ch output current 1 *2
3
VDD=4.8V,
Pch : VDS=0.5V,Vs<4.7V *1
0.36
0.62
mA
P-ch output current 2 *2
3
VDD=6.0V,
Pch : VDS=0.5V,Vs<5.9V *1
0.46
0.75
mA
Notes: *1 Vs is detection voltage
*2 Only for CMOS output products
Measuring Circuit 1
Measuring Circuit 3
Measuring Circuit 2
RL is not needed for CMOS output.


Similar Part No. - PST3350

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST3350 MITSUMI-PST3350 Datasheet
89Kb / 9P
   IC for CMOS System Reset
More results

Similar Description - PST3350

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56606-20 PHILIPS-SA56606-20 Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
SA56606-XX PHILIPS-SA56606-XX Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
SA56614-XX PHILIPS-SA56614-XX Datasheet
113Kb / 14P
   CMOS system reset
2001 Jun 19
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com