Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV66PJ-G Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV66PJ-G
Description  32-Channel LCD Driver with Separate Backplane Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV66PJ-G Datasheet(HTML) 4 Page - Supertex, Inc

  HV66PJ-G Datasheet HTML 1Page - Supertex, Inc HV66PJ-G Datasheet HTML 2Page - Supertex, Inc HV66PJ-G Datasheet HTML 3Page - Supertex, Inc HV66PJ-G Datasheet HTML 4Page - Supertex, Inc HV66PJ-G Datasheet HTML 5Page - Supertex, Inc HV66PJ-G Datasheet HTML 6Page - Supertex, Inc HV66PJ-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
HV66
Supertex inc.
www.supertex.com
Doc.# DSFP-HV66
C070313
Function Table
Function
Inputs
Outputs
Data
CLK
LE
BL
POL
DIR
Shift Reg
1, 2, ... 32
HV
OUT
1, 2, ... 32
Data Out
BP
OUT
Load S/R,
R/L Shift
L or H
L
Ignore
Ignore
H
Data → Q
1... → Q32
Ignore
Q
32
Ignore
L or H
L
Ignore
Ignore
L
Q
1← ...Q32 ← Data
Ignore
Q
1
Ignore
Load Latches
X
H or L
H
H
H
X
*...*
/*...*
No Change
H
X
H or L
H
H
L
X
*...*
*...*
No Change
L
Transparent
Mode
L or H
H
H
H
H
Data → Q
1... → Q32
/*...*
Q
32
H
L or H
H
H
L
H
Data → Q
1... → Q32
*...*
Q
32
L
L or H
H
H
H
L
Q
1← ...Q32 ← Data
/*...*
Q
1
H
L or H
H
H
L
L
Q
1← ...Q32 ← Data
*...*
Q
1
L
Blank
Control
X
X
X
L
L
X
X
L...L
Ignore
L
X
X
X
L
H
X
X
H...H
Ignore
H
LE
HV
OUT
w/ S/R LOW
Data Valid
DATA
IN
CLK
DATA
OUT
50%
t
SU
t
H
t
WL
t
WH
50%
50%
t
DLH
t
DHL
50%
t
WLE
t
DLE
t
SLE
50%
50%
t
HOFF
V
IH
V
IL
V
IH
V
IL
V
OH
V
OL
V
OH
V
OL
V
IH
V
IL
V
OH
V
OL
V
OH
V
OL
V
IH
V
IL
V
OHBP
V
OLBP
50%
t
HON
t
BR
POL
(ASYNCH
w/ CLK)
BP
OUT
50%
t
BF
t
BON
50%
50%
t
BOFF
50%
10%
90%
50%
HV
OUT
w/ S/R HIGH
50%
50%
50%
50%
Switching Waveforms
Notes:
H
- High level
L
- Low level
X
- Don’t care
Ignore
- The state of the specific input or output is irrelevant to demonstrate the occurred event
- Low to High transition
*
- Dependent on previous stage’s state before the last CLK or last LE high


Similar Part No. - HV66PJ-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV66PJ SUTEX-HV66PJ Datasheet
457Kb / 6P
   32-Channel LCD Driver with Separate Backplane Output
HV66PJ SUTEX-HV66PJ Datasheet
557Kb / 8P
   32-Channel LCD Driver with Separate Backplane Output
More results

Similar Description - HV66PJ-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV66 SUTEX-HV66_07 Datasheet
557Kb / 8P
   32-Channel LCD Driver with Separate Backplane Output
HV66 SUTEX-HV66 Datasheet
457Kb / 6P
   32-Channel LCD Driver with Separate Backplane Output
HV6506 SUTEX-HV6506 Datasheet
73Kb / 5P
   32-Channel LCD Driver with Separate Backplane Output
logo
List of Unclassifed Man...
ILI6122 ETC1-ILI6122 Datasheet
1Mb / 57P
   1200-Output Channel TFT LCD Source Driver with TCON
logo
Dialog Semiconductor
IW7032 DIALOG-IW7032 Datasheet
1Mb / 31P
   32-Channel LED Driver for LCD Panel Backlighting
logo
Microchip Technology
AY0438-I MICROCHIP-AY0438-I Datasheet
154Kb / 11P
   32-Segment CMOS LCD Driver
1995-2002
AY0438 MICROCHIP-AY0438 Datasheet
148Kb / 11P
   32-Segment CMOS LCD Driver
1995 - 2002
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
   32-Segment CMOS LCD Driver
03/01/02
logo
OKI electronic componet...
MSM5238 OKI-MSM5238 Datasheet
122Kb / 12P
   32-DOT LCD COMMON DRIVER
logo
Microchip Technology
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
   32-Segment CMOS LCD Driver
03/01/02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com