Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV257 Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV257
Description  32-Channel High Voltage Sample and Hold Amplifier Array
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV257 Datasheet(HTML) 9 Page - Supertex, Inc

Back Button HV257_13 Datasheet HTML 5Page - Supertex, Inc HV257_13 Datasheet HTML 6Page - Supertex, Inc HV257_13 Datasheet HTML 7Page - Supertex, Inc HV257_13 Datasheet HTML 8Page - Supertex, Inc HV257_13 Datasheet HTML 9Page - Supertex, Inc HV257_13 Datasheet HTML 10Page - Supertex, Inc HV257_13 Datasheet HTML 11Page - Supertex, Inc HV257_13 Datasheet HTML 12Page - Supertex, Inc HV257_13 Datasheet HTML 13Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
HV257
Supertex inc.
www.supertex.com
Doc.# DSFP-HV257
D070813
Typical Characteristics (cont.)
Frequency (Hz)
-50
-40
-30
-20
-10
010
100
1k
10k
100k
1M
V
PP PSRR vs Frequency
(V
PP = 300V, VDD = 6.5V, VNN = 5.5V, TA = 25
O
C)
V
DD PSRR vs Frequency
(V
PP = 300V, VDD = 6.5V, VNN = 5.5V, TA = 25
O
C)
Frequency
-50
-40
-30
-20
-10
010
100
1k
10k
100k
1M
Frequency
V
NN PSRR vs Frequency
(V
PP = 300V, VDD = 6.5V, VNN = 5.5V, TA = 25
O
C)
-50
-40
-30
-20
-10
010
100
1k
10k
100k
1M
3.5
3.0
2.5
2.0
1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
1.0
2.0
3.0
V
IN (Volts)
Offset at -10OC
Offset at 25OC
Offset at 85OC
Input Offset vs V
IN and Temperature
(V
PP = 300V, VDD = 6.5V, VNN = 5.5V )
1.0
2.0
3.0
V
IN (Volts)
Gain vs V
IN
(V
PP = 300V, VDD = 6.5V, VNN = 5.5V, TA = -10
O
, +25O, +85OC )
73.97
73.96
73.95
73.94
73.93
72.74
72.73
72.72
72.71
72.70
72.69
HV
OUT Drift
HV257DFG-5037047 Q3 Dev # 3, Channel 16
(V
PP = 300V, VDD = 6.5V, VNN = -5.0V, VSIG = 1.0V, TA = 25
O
C)
73.030
73.028
73.026
73.024
73.022
73.020
73.018
73.016
73.014
Time (hours)
0
8


Similar Part No. - HV257_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV257DB2 SUTEX-HV257DB2 Datasheet
354Kb / 2P
   High Voltage Sample and Hold Array
HV257FG SUTEX-HV257FG Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257X SUTEX-HV257X Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257 SUTEX-HV257_07 Datasheet
1Mb / 13P
   32-Channel High Voltage Sample and Hold Amplifi er Array
More results

Similar Description - HV257_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV257 SUTEX-HV257 Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257 SUTEX-HV257_07 Datasheet
1Mb / 13P
   32-Channel High Voltage Sample and Hold Amplifi er Array
HV257DB2 SUTEX-HV257DB2 Datasheet
354Kb / 2P
   High Voltage Sample and Hold Array
logo
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
AD684 AD-AD684_15 Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
5962-9201301MEA AD-5962-9201301MEA Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com