Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV509K6-G Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV509K6-G
Description  16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV509K6-G Datasheet(HTML) 7 Page - Supertex, Inc

  HV509K6-G Datasheet HTML 1Page - Supertex, Inc HV509K6-G Datasheet HTML 2Page - Supertex, Inc HV509K6-G Datasheet HTML 3Page - Supertex, Inc HV509K6-G Datasheet HTML 4Page - Supertex, Inc HV509K6-G Datasheet HTML 5Page - Supertex, Inc HV509K6-G Datasheet HTML 6Page - Supertex, Inc HV509K6-G Datasheet HTML 7Page - Supertex, Inc HV509K6-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
HV509
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Pin Description
Pin #
Function
Description
1
HV
OUT12
High voltage push-pull output
2
HV
OUT11
High voltage push-pull output
3
HV
OUT10
High voltage push-pull output
4
HV
OUT9
High voltage push-pull output
5
HV
OUT8
High voltage push-pull output
6
HV
OUT7
High voltage push-pull output
7
HV
OUT6
High voltage push-pull output
8
HV
OUT5
High voltage push-pull output
9
HV
OUT4
High voltage push-pull output
10
HV
OUT3
High voltage push-pull output
11
HV
OUT2
High voltage push-pull output
12
HV
OUT1
High voltage push-pull output
13
NC
No connect
14
VPP
High voltage supply
15
GND
Logic ground
16
NC
No connect
17
DIN
Data in
18
NC
No connect
19
CLK
Clock input logic
20
VDD
Logic supply voltage
21
POL
Polarity bar input logic
22
LE
Latch enable bar input logic
23
NC
No connect
24
DOUT
Data out
25
NC
No connect
26
VBIAS
Level translator bias voltage
27
HVGND
High voltage ground
28
BP
High voltage backplane output
29
HV
OUT16
High voltage push-pull output
30
HV
OUT15
High voltage push-pull output
31
HV
OUT14
High voltage push-pull output
32
HV
OUT13
High voltage push-pull output


Similar Part No. - HV509K6-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV509K6-G SUTEX-HV509K6-G Datasheet
764Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
More results

Similar Description - HV509K6-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV528 SUTEX-HV528 Datasheet
703Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV528 SUTEX-HV528_08 Datasheet
546Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV509 SUTEX-HV509 Datasheet
764Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV514 SUTEX-HV514 Datasheet
1Mb / 6P
   8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com