Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC557-052422KE1T Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # DSC557-052422KE1T
Description  Crystal-less??Four Output PCIe Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC557-052422KE1T Datasheet(HTML) 1 Page - Micrel Semiconductor

  DSC557-052422KE1T Datasheet HTML 1Page - Micrel Semiconductor DSC557-052422KE1T Datasheet HTML 2Page - Micrel Semiconductor DSC557-052422KE1T Datasheet HTML 3Page - Micrel Semiconductor DSC557-052422KE1T Datasheet HTML 4Page - Micrel Semiconductor DSC557-052422KE1T Datasheet HTML 5Page - Micrel Semiconductor DSC557-052422KE1T Datasheet HTML 6Page - Micrel Semiconductor DSC557-052422KE1T Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC557-05
Page 1
Crystal-less™ Four Output PCIe Clock Generator
DSC557-05
General Description
The DSC557-05 is a Crystal-less™, four
output PCI express clock generator meeting
Gen1, Gen2, and Gen3 specifications. The
clock generator uses proven silicon MEMS
technology to provide excellent jitter and
stability over a wide range of supply
voltages and temperatures. By eliminating
the external quartz crystal, MEMS clock
generators significantly enhance reliability
and accelerate product development, while
meeting stringent clock performance criteria
for a variety of communications, storage,
and networking applications.
DSC557-05 has an Output Enable / Disable
feature allowing it to disable all outputs
when OE1 and OE2 are low. Each output
enable
pin
controls
two
banks
of
synchronous PCIe clocks.
See the OE
function diagram for more detail.
The
device is available in a 20 pin QFN.
Additional output formats are in any
combination of LVPECL, LVDS, and HCSL.
Block Diagram
* Clk0+/-, Clk1+/-, Clk2 +/- and Clk3 +/- are
100 MHz as per PCIe standards. For other
frequencies, please contact the factory.
Features
 Meets PCIe Gen1, Gen2 & Gen3 specs
 Available Output Formats:
o
HCSL, LVPECL, or LVDS
o
Mixed Outputs: LVPECL/HCSL/LVDS
 Wide Temperature Range
o
Ext. Industrial: -40° to 105° C
o
Industrial: -40° to 85° C
o
Ext. commercial: -20° to 70° C
 Supply Range of 2.25 to 3.6 V
 Low Power Consumption
o
30% lower than competing devices
 Excellent Shock & Vibration Immunity
o
Qualified to MIL-STD-883
 Available Footprints:
o
20 QFN
 Lead Free & RoHS Compliant
 Short Lead Time: 2 Weeks
Applications
 Communications/Networking
o
Ethernet
o
1G, 10GBASE-T/KR/LR/SR, and FcoE
o
Routers and Switches
o
Gateways, VoIP, Wireless AP’s
o
Passive Optical Networks
 Storage
o
SAN, NAS, SSD, JBOD
 Embedded Applications
o
Industrial, Medical, and Avionics
o
Security Systems and Office
Automation
o
Digital Signage, POS and others
 Consumer Electronics
o
Smart TV, Bluray, STB


Similar Part No. - DSC557-052422KE1T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC557-03 MICREL-DSC557-03 Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE0-T MICREL-DSC557-0311FE0-T Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE0-T MICREL-DSC557-0311FE0-T Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE1-T MICREL-DSC557-0311FE1-T Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-0311FE1-T MICREL-DSC557-0311FE1-T Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
More results

Similar Description - DSC557-052422KE1T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC557-04 MICREL-DSC557-04 Datasheet
641Kb / 7P
   Crystal-less??Three Output PCIe Clock Generator
DSC400 MICREL-DSC400 Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
logo
Microchip Technology
DSC400 MICROCHIP-DSC400 Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC558-03 MICREL-DSC558-03 Datasheet
630Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC557-03 MICREL-DSC557-03 Datasheet
575Kb / 9P
   Crystal-less Two Output PCIe Gen1/2/3 Clock Generator
DSC511-03 MICREL-DSC511-03 Datasheet
528Kb / 5P
   Crystal-less Two Output Clock Generator
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com