Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV7100NG-GM903 Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV7100NG-GM903
Description  24/48V Fan Driver/Controller With High-Side Drive
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7100NG-GM903 Datasheet(HTML) 8 Page - Supertex, Inc

  HV7100NG-GM903 Datasheet HTML 1Page - Supertex, Inc HV7100NG-GM903 Datasheet HTML 2Page - Supertex, Inc HV7100NG-GM903 Datasheet HTML 3Page - Supertex, Inc HV7100NG-GM903 Datasheet HTML 4Page - Supertex, Inc HV7100NG-GM903 Datasheet HTML 5Page - Supertex, Inc HV7100NG-GM903 Datasheet HTML 6Page - Supertex, Inc HV7100NG-GM903 Datasheet HTML 7Page - Supertex, Inc HV7100NG-GM903 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2013 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
8
HV7100
(The package drawings in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HV7100
B072413
14-Lead SOIC (Narrow Body) Package Outline (NG)
8.65x3.90mm body, 1.75mm height (max), 1.27mm pitch
Symbol
A
A1
A2
b
D
E
E1
e
h
L
L1
L2
θ
θ1
Dimension
(mm)
MIN 1.35* 0.10
1.25
0.31 8.55* 5.80* 3.80*
1.27
BSC
0.25
0.40
1.04
REF
0.25
BSC
0O
5O
NOM
-
-
-
-
8.65
6.00
3.90
-
-
-
-
MAX 1.75
0.25 1.65* 0.51 8.75* 6.20* 4.00*
0.50
1.27
8O
15O
JEDEC Registration MS-012, Variation AB, Issue E, Sept. 2005.
* This dimension is not specified in the JEDEC drawing.
Drawings are not to scale.
Supertex Doc. #: DSPD-14SOICNG, Version F041309.
Top View
Side View
View A-A
View B
A
A
Seating
Plane
14
1
Seating
Plane
Gauge
Plane
L
L1
L2
θ1
θ
View B
h
h
b
A A2
A1
e
E
E1
D
Note 1
(Index Area
D/2 x E1/2)
Note:
1.
This chamfer feature is optional. If it is not present, then a Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be:
a molded mark/identifier; an embedded metal marker; or a printed indicator.


Similar Part No. - HV7100NG-GM903

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7100 SUTEX-HV7100 Datasheet
282Kb / 7P
   24V/48V Fan Driver/Controller With High-Side Drive
More results

Similar Description - HV7100NG-GM903

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7100 SUTEX-HV7100 Datasheet
282Kb / 7P
   24V/48V Fan Driver/Controller With High-Side Drive
logo
ORION FANS
OD172SAPL ORIONFANS-OD172SAPL Datasheet
648Kb / 1P
   DC Fan - 12, 24, 48V
logo
TRINAMIC Motion Control...
SIXPACK2 TRINAMIC-SIXPACK2 Datasheet
322Kb / 1P
   6-Axis Controller/Driver 1.4A/48V
TMCM-102 TRINAMIC-TMCM-102 Datasheet
324Kb / 1P
   1-Axis Controller/Driver 3.5A/48V with Encoder Inf
logo
ORION FANS
OD1238VXC ORIONFANS-OD1238VXC Datasheet
264Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238XC ORIONFANS-OD1238XC_16 Datasheet
242Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238VA ORIONFANS-OD1238VA_17 Datasheet
264Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
logo
SMSC Corporation
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
logo
ORION FANS
OD127 ORIONFANS-OD127 Datasheet
107Kb / 1P
   DC Fan - 12, 24, 48V 127x38.5mm (5.0?쓝 1.5??
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com