Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV5812 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV5812
Description  20-Channel, Serial-Input, Vacuum-Fluorescent Display Driver for Anode/Grid
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5812 Datasheet(HTML) 3 Page - Supertex, Inc

  HV5812_13 Datasheet HTML 1Page - Supertex, Inc HV5812_13 Datasheet HTML 2Page - Supertex, Inc HV5812_13 Datasheet HTML 3Page - Supertex, Inc HV5812_13 Datasheet HTML 4Page - Supertex, Inc HV5812_13 Datasheet HTML 5Page - Supertex, Inc HV5812_13 Datasheet HTML 6Page - Supertex, Inc HV5812_13 Datasheet HTML 7Page - Supertex, Inc HV5812_13 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Supertex inc.
www.supertex.com
Doc.# DSFP-HV5812
C072413
HV5812
Sym
Parameter
Min
Typ
Max
Units Conditions
I
DSS
Output leakage current
-
-5.0
-15
µA
V
OUT = 0V, TA = +70°C
V
OH
High-level output
HV
OUT
78
78.5
-
V
I
OUT = -25mA, VPP = 80V, Tj = +25°C
77
78
-
I
OUT = -25mA, VPP = 80V, Tj = +125°C
DATA OUT
4.5
4.7
-
V
I
OUT = -200µA, VDD = 5.0V
V
OL
Low-level output
HV
OUT
-
1.5
3.0
V
I
OUT = 1.0mA, Tj = +25°C, VDD = 5.0V
-
2.3
4.0
I
OUT = 1.0mA, Tj = +125°C, VDD = 5.0V
DATA OUT
-
200
250
V
I
OUT = +200µA, VDD = 5.0V
I
SINK
Output pull-down current
2.0
3.5
-
mA
V
OUT = 5.0V to VPP, VDD = 5.0V
V
IH
High level logic input voltage
3.5
-
5.3
V
V
DD = 5.0V
V
IL
Low level logic input voltage
-0.3
-
0.8
V
---
I
IH
High level logic input current
-
0.05
0.5
µA
V
IN = VDD, VDD = 5.0V
I
IL
Low level logic input current
-
-0.05
-0.5
µA
V
IN = 0.8V, VDD = 5.0V
I
DDQ
Quiescent V
DD supply current
-
100
300
µA
All outputs high, V
DD = 5.0V
-
100
300
All outputs low, V
DD = 5.0V
I
PPQ
Quiescent V
PP supply current
-
10
100
µA
All outputs high, no load
-
10
100
All outputs low, no load
AC Characteristics (over recommended operating conditions, T
A = 25
O
C, unless otherwise noted)
t
PHL
Blanking to output delay
-
2000
-
ns
C
L = 30pF, 50% to 50%, VDD = 5.0V
t
PLH
-
1000
-
t
f
Output fall time
-
1450
-
ns
C
L = 30pF, 90% to 10%, VDD = 5.0V
t
r
Output rise time
-
650
-
ns
C
L = 30pF, 10% to 90%, VDD = 5.0V
t
su
Data set-up time
75
-
-
ns
See timing diagram
t
h
Data hold time
75
-
-
ns
See timing diagram
t
pwd
Minimum data pulse width
150
-
-
ns
See timing diagram
t
pwclk
Minimum clock pulse width
150
-
-
ns
See timing diagram
t
cks
Minimum time between clock activa-
tion and strobe
300
-
-
ns
See timing diagram
t
pws
Minimum strobe pulse width
100
-
ns
See timing diagram
t
sto
Typical time between strobe activa-
tion and output transition
-
500
-
ns
See timing diagram
f
CLK
Maximum clock frequency
-
8.0
-
MHz
T
j = +25°C, VDD = 5.0V
-
5.0
-
T
j = +125°C, VDD = 5.0V
Electrical Characteristics
DC Characteristics (over recommended operating conditions, T
A = 25
O
C, unless otherwise noted)


Similar Part No. - HV5812_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5812P SUTEX-HV5812P Datasheet
453Kb / 6P
   20-Channel Serial-Input Vacuum-Fluorescent Display Driver for Anode/Grid
logo
Microchip Technology
HV5812P-G MICROCHIP-HV5812P-G Datasheet
522Kb / 16P
   20-Channel Serial-Input Vacuum Fluorescent Display Driver for Anode or Grid
06/23/16
HV5812P-GM904 MICROCHIP-HV5812P-GM904 Datasheet
522Kb / 16P
   20-Channel Serial-Input Vacuum Fluorescent Display Driver for Anode or Grid
06/23/16
logo
Supertex, Inc
HV5812PJ SUTEX-HV5812PJ Datasheet
453Kb / 6P
   20-Channel Serial-Input Vacuum-Fluorescent Display Driver for Anode/Grid
logo
Microchip Technology
HV5812PJ-G MICROCHIP-HV5812PJ-G Datasheet
522Kb / 16P
   20-Channel Serial-Input Vacuum Fluorescent Display Driver for Anode or Grid
06/23/16
More results

Similar Description - HV5812_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5812 SUTEX-HV5812 Datasheet
453Kb / 6P
   20-Channel Serial-Input Vacuum-Fluorescent Display Driver for Anode/Grid
HV5812WG-G SUTEX-HV5812WG-G Datasheet
835Kb / 8P
   20-Channel, Serial-Input, Vacuum-Fluorescent Display Driver for Anode/Grid
logo
Microchip Technology
HV5812 MICROCHIP-HV5812 Datasheet
522Kb / 16P
   20-Channel Serial-Input Vacuum Fluorescent Display Driver for Anode or Grid
06/23/16
logo
OKI electronic componet...
ML9261A OKI-ML9261A Datasheet
134Kb / 16P
   60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
ML9261 OKI-ML9261 Datasheet
160Kb / 17P
   60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1162A OKI-MSC1162A Datasheet
110Kb / 14P
   40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
List of Unclassifed Man...
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
   40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
   40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
Allegro MicroSystems
6118 ALLEGRO-6118 Datasheet
135Kb / 8P
   VACUUM FLUORESCENT DISPLAY DRIVER
logo
National Semiconductor ...
DS8881 NSC-DS8881 Datasheet
124Kb / 6P
   Vacuum Fluorescent Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com