Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV20220FG-GM931 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV20220FG-GM931
Description  Low Charge Injection, 8-Channel, High Voltage Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV20220FG-GM931 Datasheet(HTML) 5 Page - Supertex, Inc

  HV20220FG-GM931 Datasheet HTML 1Page - Supertex, Inc HV20220FG-GM931 Datasheet HTML 2Page - Supertex, Inc HV20220FG-GM931 Datasheet HTML 3Page - Supertex, Inc HV20220FG-GM931 Datasheet HTML 4Page - Supertex, Inc HV20220FG-GM931 Datasheet HTML 5Page - Supertex, Inc HV20220FG-GM931 Datasheet HTML 6Page - Supertex, Inc HV20220FG-GM931 Datasheet HTML 7Page - Supertex, Inc HV20220FG-GM931 Datasheet HTML 8Page - Supertex, Inc HV20220FG-GM931 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Supertex inc.
www.supertex.com
Doc.# DSFP-HV20220
C071613
HV20220
Logic Timing Waveforms
DATA
IN
CLOCK
DATA
OUT
D
N-1
D
N
D
N+1
50%
50%
50%
50%
50%
50%
50%
50%
50%
V
OUT
(typ) OFF
ON
CLR
t
WCL
90%
10%
t
OFF
t
DD
t
SU
t
SD
t
ON
SU
t
WLE
LE
t
h
Truth Table
D0
D1
D2
D3
D4
D5
D6
D7
LE
CLR
SW0
SW1
SW2
SW3
SW4
SW5
SW6
SW7
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
L
L
L
Off
H
L
L
On
X
X
X
X
X
X
X
X
H
L
Hold Previous State
X
X
X
X
X
X
X
X
X
H
All Switches Off
Notes:
1.
The eight switches operate independently.
2.
Serial data is clocked in on the L to H transition of the CLK.
3.
The switches go to a state retaining their present condition at the rising edge of LE. When LE is low the shift register data flow through the latch.
4.
D
OUT is high when data in the shift register 7 is high.
5.
Shift register clocking has no effect on the switch states if LE is high.
6.
The CLR clear input overrides all other inputs.


Similar Part No. - HV20220FG-GM931

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220FG-G SUTEX-HV20220FG-G Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
More results

Similar Description - HV20220FG-GM931

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800_09 Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
logo
Supertex, Inc
HV220 SUTEX-HV220_07 Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800 Datasheet
1Mb / 21P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
logo
Supertex, Inc
HV230 SUTEX-HV230 Datasheet
380Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com