Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV7355 Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV7355
Description  Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7355 Datasheet(HTML) 8 Page - Supertex, Inc

  HV7355_14 Datasheet HTML 1Page - Supertex, Inc HV7355_14 Datasheet HTML 2Page - Supertex, Inc HV7355_14 Datasheet HTML 3Page - Supertex, Inc HV7355_14 Datasheet HTML 4Page - Supertex, Inc HV7355_14 Datasheet HTML 5Page - Supertex, Inc HV7355_14 Datasheet HTML 6Page - Supertex, Inc HV7355_14 Datasheet HTML 7Page - Supertex, Inc HV7355_14 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2014 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
8
HV7355
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HV7355
D011314
56-Lead QFN Package Outline (K6)
8.00x8.00mm body, 1.00mm height (max), 0.50mm pitch
Symbol
A
A1
A3
b
D
D2
E
E2
e
L
L1
θ
Dimension
(mm)
MIN
0.80
0.00
0.20
REF
0.18
7.85*
2.75
7.85*
2.75
0.50
BSC
0.30
0.00
0O
NOM
0.90
0.02
0.25
8.00
5.70
8.00
5.70
0.40
-
-
MAX
1.00
0.05
0.30
8.15*
6.70
8.15*
6.70
0.50
0.15
14O
JEDEC Registration MO-220, Variation VLLD-2, Issue K, June 2006.
* This dimension is not specified in the JEDEC drawing.
† This dimension differs from the JEDEC drawing.
Drawings are not to scale.
Supertex Doc.#: DSPD-56QFNK68X8P050, Version A031010.
Notes:
1.
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or
a printed indicator.
2.
Depending on the method of manufacturing, a maximum of 0.15mm pullback (L1) may be present.
3.
The inner tip of the lead may be either rounded or square.
Seating
Plane
Top View
Side View
Bottom View
D
E
D2
E2
View B
View B
1
Note 3
Note 2
56
1
56
Note 1
(Index Area
D/2 x E/2)
Note 1
(Index Area
D/2 x E/2)
e
b
L
L1
A
A1
A3
θ


Similar Part No. - HV7355_14

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7355K6-G SUTEX-HV7355K6-G Datasheet
688Kb / 9P
   Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
HV7355K6-GM937 SUTEX-HV7355K6-GM937 Datasheet
688Kb / 9P
   Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
More results

Similar Description - HV7355_14

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7355 SUTEX-HV7355 Datasheet
688Kb / 9P
   Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
HV7350 SUTEX-HV7350 Datasheet
579Kb / 8P
   Eight-Channel, High Speed, 짹60V, 짹1.0A, Ultrasound RTZ Pulser
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
HV738 SUTEX-HV738_11 Datasheet
672Kb / 8P
   Four-Channel, High Speed, 짹65V 750mA Ultrasound Pulser
HV748 SUTEX-HV748_12 Datasheet
717Kb / 8P
   Four-Channel, High Speed, 짹75V 1.25A Ultrasound Pulser
logo
Microchip Technology
HV7350 MICROCHIP-HV7350 Datasheet
567Kb / 16P
   8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
06/23/16
logo
Supertex, Inc
HV7331 SUTEX-HV7331 Datasheet
804Kb / 9P
   Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV732 SUTEX-HV732 Datasheet
332Kb / 10P
   High Speed 짹100V 2A Integrated Ultrasound Pulser
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
   Quad High Speed 짹65V 750mA Ultrasound Pulser
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com