Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9257 Datasheet(PDF) 27 Page - Silan Microelectronics Joint-stock

Part # SC9257
Description  PLL FOR DTS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9257 Datasheet(HTML) 27 Page - Silan Microelectronics Joint-stock

Back Button SC9257 Datasheet HTML 20Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 21Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 22Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 23Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 24Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 25Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 26Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 27Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 28Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Silan
Semiconductors
SC9257
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2001.10.18
27
APPLICATION CIRCUIT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
18
17
20
19
Micro-
Controller
PERIOD
CLOCK
DATA
CX'tal
VCC
AM
VCO
AM
VCO
4
2
5Vtyp.
Varator Diode
SCIN signal
AMIF signal
FMIF signal
0.001
­F
0.01
­F
4.7
­F
0.1
­F
I/O Port
12V max.
Output Port
0.01
­F
0.01
­F
C


Similar Part No. - SC9257

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9256 SILAN-SC9256 Datasheet
223Kb / 24P
   PLL FOR DTS
SC9256S SILAN-SC9256S Datasheet
223Kb / 24P
   PLL FOR DTS
More results

Similar Description - SC9257

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9256 SILAN-SC9256 Datasheet
223Kb / 24P
   PLL FOR DTS
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
   PLL For DTS
TC9256APG TOSHIBA-TC9256APG Datasheet
2Mb / 34P
   PLL for DTS
TB2110FN TOSHIBA-TB2110FN Datasheet
763Kb / 18P
   PLL FOR DTS
TC9256P TOSHIBA-TC9256P Datasheet
1Mb / 33P
   PLL FOR DTS
TB2118F TOSHIBA-TB2118F Datasheet
818Kb / 19P
   HIGH SPEED PLL FOR DTS
TB2118F TOSHIBA-TB2118F_02 Datasheet
315Kb / 20P
   High Speed PLL For DTS
TB2118FG TOSHIBA-TB2118FG Datasheet
345Kb / 20P
   High Speed PLL For DTS
TC9216P TOSHIBA-TC9216P Datasheet
940Kb / 22P
   HIGH SPEED PLL FOR DTS
logo
Silan Microelectronics ...
SC72131 SILAN-SC72131 Datasheet
215Kb / 10P
   PLL FOR DIGITAL TUNING SYSTEM(DTS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com