Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3990QTLX-1.2Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP3990QTLX-1.2Q1
Description  150-mA Linear Voltage Regulator for Digital Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3990QTLX-1.2Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3990QTLX-1.2Q1 Datasheet HTML 5Page - Texas Instruments LP3990QTLX-1.2Q1 Datasheet HTML 6Page - Texas Instruments LP3990QTLX-1.2Q1 Datasheet HTML 7Page - Texas Instruments LP3990QTLX-1.2Q1 Datasheet HTML 8Page - Texas Instruments LP3990QTLX-1.2Q1 Datasheet HTML 9Page - Texas Instruments LP3990QTLX-1.2Q1 Datasheet HTML 10Page - Texas Instruments LP3990QTLX-1.2Q1 Datasheet HTML 11Page - Texas Instruments LP3990QTLX-1.2Q1 Datasheet HTML 12Page - Texas Instruments LP3990QTLX-1.2Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
+
Current
Limit
Thermal
Shutdown
IN
OUT
GND
VREF
800 mV
EN
OFF
ON
1 M
LP3990
LP3990-Q1
www.ti.com
SNVSA66A – OCTOBER 2014 – REVISED DECEMBER 2015
7 Detailed Description
7.1 Overview
The LP3990-Q1 is designed to meet the requirements of portable, battery-powered digital systems providing an
accurate output voltage with fast start-up. When disabled via a low logic signal at the enable pin (EN), the power
consumption is reduced to virtually zero.
The device is designed to perform with a single 1-
μF input capacitor and a single 1-μF ceramic output capacitor.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Enable (EN)
The LP3990-Q1 Enable (EN) pin is internally held low by a 1-M
Ω resistor to GND. The EN pin voltage must be
higher than the VIH threshold to ensure that the device is fully enabled under all operating conditions. The EN pin
voltage must be lower than the VIL threshold to ensure that the device is fully disabled. If the EN pin is left open
the LP3990-Q1 output is disabled.
7.3.2 Thermal Overload Protection (TSD)
Thermal Shutdown disables the output when the junction temperature rises to approximately 155°C which allows
the device to cool. When the junction temperature cools to approximately 140°C, the output circuitry enables.
Based on power dissipation, thermal resistance, and ambient temperature, the thermal protection circuit may
cycle on and off. This thermal cycling limits the dissipation of the regulator and protects it from damage as a
result of overheating.
The Thermal Shutdown circuitry of the LP3990-Q1 has been designed to protect against temporary thermal
overload conditions. The Thermal Shutdown circuitry was not intended to replace proper heat-sinking.
Continuously running the LP3990-Q1 device into thermal shutdown may degrade device reliability.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3990-Q1


Similar Part No. - LP3990QTLX-1.2Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990 TI-LP3990 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI-LP3990-Q1_15 Datasheet
815Kb / 22P
[Old version datasheet]   LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3990QTLX-1.2Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI-LP3990-Q1_15 Datasheet
815Kb / 22P
[Old version datasheet]   LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Nisshinbo Micro Devices...
R1180X-Y NISSHINBO-R1180X-Y Datasheet
601Kb / 26P
   150 mA LDO Regulator for Industrial Applications
logo
ON Semiconductor
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com