Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY628400ALR2 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY628400ALR2
Description  512K x8 bit 5.0V Low Power CMOS slow SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY628400ALR2 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY628400ALR2 Datasheet HTML 3Page - Hynix Semiconductor HY628400ALR2 Datasheet HTML 4Page - Hynix Semiconductor HY628400ALR2 Datasheet HTML 5Page - Hynix Semiconductor HY628400ALR2 Datasheet HTML 6Page - Hynix Semiconductor HY628400ALR2 Datasheet HTML 7Page - Hynix Semiconductor HY628400ALR2 Datasheet HTML 8Page - Hynix Semiconductor HY628400ALR2 Datasheet HTML 9Page - Hynix Semiconductor HY628400ALR2 Datasheet HTML 10Page - Hynix Semiconductor HY628400ALR2 Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HY628400A Series
Rev 07 / Apr. 2001
7
Notes:
1. A write occurs during the overlap of a low /WE and a low /CS.
2. tWR is measured from the earlier of /CS or /WE going high to the end of write cycle.
3. During this period, I/O pins are in the output state so that the input signals of opposite phase to the
output must not be applied.
4. If the /CS low transition occur simultaneously with the /WE low transition or after the
/WE transition, outputs remain in a high impedance state.
5. Q(data out) is the same phase with the write data of this write cycle.
6. Q(data out) is the read data of the next address.
7. Transition is measured + 200mV from steady state.
This parameter is sampled and not 100% tested.
8. /CS in high for the standby, low for active
DATA RETENTION ELECTRIC CHARATERISTIC
TA = 0¡ Éto 70¡ É
(Normal)/-25
°C to 85°C (Extended) /-40°C to 85°C (Industrial), unless otherwise specified.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VDR
Vcc for Data Retention
/CS > Vcc - 0.2V,
2.0
-
-
V
VIN > Vcc - 0.2V or VIN < Vss + 0.2V
ICCDR
Vcc = 3.0V,
L
-
-
50
uA
/CS1>Vcc - 0.2V,
LL
-
-
20
uA
VIN > Vcc - 0.2V or
L-E/I
-
-
50
uA
Data Retention Current
VIN < Vss + 0.2V
LL-E/I
-
-
30
uA
tCDR
Chip Deselect to Data
Retention Time
0
-
-
ns
tR
Operating Recovery Time
tRC
(2)
-
-
ns
Notes:
1. Typical values are at the condition of TA = 25
°C.
2. tRC is read cycle time.
DATA RETENTION TIMING DIAGRAM
/CS
VDR
/CS > VCC-0.2V
tCDR
tR
VSS
VCC
4.5V
2.2V
DATA RETENTION MODE


Similar Part No. - HY628400ALR2

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100AG HYNIX-HY628100AG Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100ALG HYNIX-HY628100ALG Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100ALLG HYNIX-HY628100ALLG Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100ALLT1 HYNIX-HY628100ALLT1 Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
More results

Similar Description - HY628400ALR2

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
HY628100B HYNIX-HY628100B Datasheet
175Kb / 10P
   128K x8 bit 5.0V Low Power CMOS slow SRAM
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8100B HYNIX-HY62U8100B Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
HY62V8100B HYNIX-HY62V8100B Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
HY62SF16804B HYNIX-HY62SF16804B Datasheet
311Kb / 10P
   512K x16 bit 1.8V Super Low Power Full CMOS slow SRAM
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com