Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR130S Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SR130S
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SR130S Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SR130S Datasheet HTML 1Page - Diode Semiconductor Korea SR130S Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Metal-Semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
MECHANICAL DATA
Case:JEDEC A-405,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.008 ounces,0.23 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SR130S SR140S SR150S SR160S SR180S SR1A0S UNITS
Maximum recurrent peak reverse voltage
VRRM
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
21
28
35
42
56
70
V
Maximum DC blocking voltage
VDC
30
40
50
60
80
100
V
Maximum average forw ard rectified current
9.5mm lead length,
(see fig.1)
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
- 55 ---- + 125
- 55 ---- + 150
Maximum instantaneous forw ard voltage
@ 1.0A(Note 1)
VF
V
0.55
0.7
0.85
40.0
20
110
SR120S
14
20
1.0
10.0
0.5
3.Thermal resistance junction to ambient
mA
IR
IFSM
NOTE: 1. Pulse test : 300
s pulse width,1% duty cy cle.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
50
- 55 ---- +150
SR120S --- SR1A0S
A
For use in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
IF(AV)
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE RANGE: 20 --- 100 V
CURRENT: 1.0A
A - 405
The plastic material carries U/L recognition 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - SR130S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR130S ETC1-SR130S Datasheet
53Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SR130S UNIOHM-SR130S Datasheet
65Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
SR130S SY-SR130S Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
SR130S SHUNYE-SR130S Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SR130S CHENDA-SR130S Datasheet
582Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR130S

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com