Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33364 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC33364
Description  Critical Conduction GreenLine SMPS Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33364 Datasheet(HTML) 2 Page - ON Semiconductor

  MC33364 Datasheet HTML 1Page - ON Semiconductor MC33364 Datasheet HTML 2Page - ON Semiconductor MC33364 Datasheet HTML 3Page - ON Semiconductor MC33364 Datasheet HTML 4Page - ON Semiconductor MC33364 Datasheet HTML 5Page - ON Semiconductor MC33364 Datasheet HTML 6Page - ON Semiconductor MC33364 Datasheet HTML 7Page - ON Semiconductor MC33364 Datasheet HTML 8Page - ON Semiconductor MC33364 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC33364
http://onsemi.com
2
Figure 1. Representative Block Diagram
15V/ 7.6V
15V/ var
Vref
Reset
Shutdown
Startup
UVLO
1.2V/ 1.0V
10V
LEB
Watchdog
Timer
R
R
S
Frequency Clamp
0.1V
Level
SNA
Vcc
Line
ZCD
Vref
FB
CS
FC
Vcc
Gate
PGnd
AGnd
--
+
15k
45k
--
+
--
+
--
+
5k
Vref
UVLO
Vcc
Thermal
15V/ 8.1V
UVLO
--
+
Vref regulator
turn on
turn on
Q
Figure 2. Typical Application Circuit
Line
ZCD
FC
A Gnd
PGnd
Drive
Vcc
Vref
FB
CS
Input
AC Voltage
Output
Voltage
MC33364D
Rsense
R1
R2


Similar Part No. - MC33364

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33364 ONSEMI-MC33364 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
MC33364 ONSEMI-MC33364 Datasheet
319Kb / 16P
   Critical Conduction GreenLinet SMPS Controller
November, 2010 -- Rev. 18
logo
Guangdong Kexin Industr...
MC33364 KEXIN-MC33364 Datasheet
298Kb / 4P
   Critical Conduction GreenLine SMPS Controller
logo
ON Semiconductor
MC33364D ONSEMI-MC33364D Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
MC33364D1 ONSEMI-MC33364D1 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
More results

Similar Description - MC33364

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MC33364 KEXIN-MC33364 Datasheet
298Kb / 4P
   Critical Conduction GreenLine SMPS Controller
logo
ON Semiconductor
MC33364 ONSEMI-MC33364_06 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
MC33364 ONSEMI-MC33364 Datasheet
319Kb / 16P
   Critical Conduction GreenLinet SMPS Controller
November, 2010 -- Rev. 18
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com