Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1008AF Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1008AF
Description  Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008AF Datasheet(HTML) 1 Page - Coilcraft lnc.

  1008AF Datasheet HTML 1Page - Coilcraft lnc. 1008AF Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip Inductors – 1008AF (2520)
Document 578-1
Document 578-1 Revised 10/12/15
Inductance2
Percent
SRF min5
DCR max6
Isat7
Irms8
Part number1
(µH)
tolerance3
Q typ4
(MHz)
(Ohms)
(A)
(A)
1008AF-901X_L_
0.9
10,
5
25
415
0.100
1.4
1.3
1008AF-112X_L_
1.1
10,
5
24
376
0.105
1.3
1.2
1008AF-132X_L_
1.3
10,
5
37
198
0.110
1.2
1.1
1008AF-152X_L_
1.5
10,
5
22
135
0.125
1.1
1.0
1008AF-192X_L_
1.9
10,
5
29
126
0.140
1.0
1.0
1008AF-222X_L_
2.2
10,
5
21
106
0.155
0.95
0.95
1008AF-272X_L_
2.7
10,
5
22
70
0.190
0.80
0.90
1008AF-332X_L_
3.3
10,
5
21
59
0.210
0.75
0.80
1008AF-392X_L_
3.9
10,
5
21
55
0.220
0.70
0.80
1008AF-472X_L_
4.7
10,
5
27
48
0.435
0.70
0.65
1008AF-582X_L_
5.8
10,
5
21
37
0.280
0.55
0.75
1008AF-682X_L_
6.8
10,
5
20
33
0.315
0.50
0.70
1008AF-822X_L_
8.2
10,
5
20
34
0.395
0.50
0.65
1008AF-103X_L_
10.0
10,
5
22
26
0.480
0.45
0.55
• Lowest DCR and highest current rating of our 1008 size
inductors
• Available in 14 inductance values from 0.9 to 10 µH.
1. When ordering, specify
tolerance, termination and packaging codes:
1008AF-103XJLC
Tolerance:
J = 5% K = 10%
(Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass
frit. Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (7500 parts per
full reel).
2. Inductance measured at 2.5 MHz using Coilcraft SMD-A fixture in an
Agilent/HP 4286A impedance analyzer with Coilcraft-provided correla-
tion pieces.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured at 2.5 MHz using an Agilent/HP 4291A with an Agilent/HP
16193 test fixture.
5. SRF measured using an Agilent/HP 8753D network analyzer with a
Coilcraft SMD-D fixture.
6. DCR measured on a Cambridge Technology Micro-ohmmeter.
7. DC current at 25°C that causes an inductance drop of 10% (typ) from its
value without current. Click for temperature derating information.
8. Current that causes a 40°C temperature rise from 25°C ambient. This
information is for reference only and does not represent absolute maxi-
mum ratings. Click for temperature derating information.
9. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
For part marking data, visit http://www.coilcraft.com/colrcode.cfm.
Designer’s Kit C414 contains 10 of each 5% value
Core material Ferrite
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 28 – 33 mg
Ambient temperature –40°C to +85°C with
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +100 to +350 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 per 7
″reel; 7500 per 13″ reel
Plastic tape: 8 mm wide, 0.3 mm thick, 4 mm pocket spacing,
2.0 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
Request free evaluation samples by contacting Coilcraft
or visiting
www.coilcraft.com.


Similar Part No. - 1008AF

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
1008AF-901XJLC RFMD-1008AF-901XJLC Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
1008AF-901XJLC RFMD-1008AF-901XJLC Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
logo
Qorvo, Inc
1008AF-901XKL QORVO-1008AF-901XKL Datasheet
637Kb / 10P
   75 11dB CATV Push Pull Amplifier 45 ??1218MHz
1008AF-901XKL QORVO-1008AF-901XKL Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
More results

Similar Description - 1008AF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com