Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1350-AL_ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # C1350-AL_
Description  ADSL Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C1350-AL_ Datasheet(HTML) 1 Page - Coilcraft lnc.

  C1350-AL_ Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
ADSL Transformers
Document 443
Document 443 Revised 10/08/08
Leakage
Interwinding
Part
ADSL Inductance2
DCR max
inductance3 capacitance4
Turns ratio
THD5
number1
Annex
±5% (µH)
(Ohms)
max (µH)
(pF)
chip tx : chip rx chip tx : line typ (dB)
B0726-EL_
A
400
0.815 (1–3) (2–4)
18.0
22.0
1 : 4.25
1 : 4.25
–95.0
0.232 (5–7) (6–8)
0.831(16–11) (14–9)
C1350-AL_
B
100
0.815 (1–3) (2–4)
18.0
22.0
1 : 4.25
1 : 4.25
–93.0
0.232 (5–7) (6–8)
0.831 (16–11) (14–9)
For Broadcom ADSL
CPE Modem chipsets
0.550
13,97
0.650
16,51
0.590
14,99
0.020
0,51
max
max
8
1
9
16
0.500
12,70
max
0.004 / 0,10
0.067
1,70
0.067
1,70
0.134
3,40
0.134
3,40
0.201
5,10
0.039
1,00
0.670
17,02
Recommended
Land Pattern
1
0.099
2,51
0.099
2,51
(12×)
14
9
5
7
Line
side
1
3
2
4
Chip
transmit
Chip
receive
6
8
11
16
1. When ordering, please specify a
packaging code:
C1350-ALD
Packaging: D = 13
″ machine ready reel. EIA-481 embossed plastic
tape (200 per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
The B0726-E and C1350-A ADSL transformers have
been approved by Broadcom for use with their BCM6335,
BCM6338, BCM6345, and BCM6348 ADSL CPE Modem
chipsets and their BCM6301 5-Volt Line Driver.
These transformers feature split windings for chip receive,
chip transmit and line side. They offer 1875 Vrms isolation,
low DC resistance, low leakage inductance and excellent
total harmonic distortion. Their compact design makes them
suitable for high density applications.
Coilcraft can also custom design transformers to meet
your specific requirements. For free evaluation samples,
contact Coilcraft or visit
www.coilcraft.com.
2. Inductance measured at 10 kHz, 0.1 Vrms, 0 Adc between pins 9 and 16
with pins 11 and 14 connected.
3. Leakage inductance measured at 100 kHz, 0.1 Vrms between pins 9 and
16 with all other pins shorted.
4. Capacitance tested between pins 1 and 16 with all other pins shorted.
5. Total harmonic distortion measured at 30 kHz.
6. Operating temperature range
−40°C to +85°C.
7. Electrical specifications at 25°C
Weight 6.1 – 6.3 g
Terminations Tin-silver over tin over nickel over phos bronze
Tape and reel 200/13
″ reel Plastic tape: 32 mm wide, 0.5 mm thick,
20 mm pocket spacing, 13.05 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf
Dimensions are in
inches
mm


Similar Part No. - C1350-AL_

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13500 LEDIL-C13500 Datasheet
1Mb / 5P
   Soft wide beam with good illuminance uniformity
C13508 LEDIL-C13508 Datasheet
812Kb / 15P
   Strada Lens
logo
General Cable Technolog...
C1350A GENERAL-C1350A Datasheet
73Kb / 1P
   COMMUNICATION & CONTROL CABLE
More results

Similar Description - C1350-AL_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AS8426-A COILCRAFT-AS8426-A Datasheet
134Kb / 2P
   ADSL Transformers
logo
Datatronic Distribution...
PT533-1 DATATRONICS-PT533-1_1 Datasheet
92Kb / 1P
   ADSL Transformers
logo
XFMRS Inc.
XF2038A XFMRS-XF2038A Datasheet
57Kb / 1P
   ADSL TRANSFORMERS
logo
Coilcraft lnc.
AS8426-A COILCRAFT-AS8426-A_13 Datasheet
185Kb / 2P
   ADSL Transformers
logo
XFMRS Inc.
XF2038A XFMRS-XF2038A_15 Datasheet
57Kb / 1P
   ADSL TRANSFORMERS
logo
Coilcraft lnc.
AS8952-A COILCRAFT-AS8952-A_13 Datasheet
204Kb / 2P
   ADSL Transformers
AS8952-A COILCRAFT-AS8952-A Datasheet
400Kb / 2P
   ADSL Transformers
AS7787-A COILCRAFT-AS7787-A Datasheet
132Kb / 2P
   ADSL Transformers
logo
Datatronic Distribution...
PT533-1 DATATRONICS-PT533-1 Datasheet
90Kb / 1P
   ADSL Transformers
logo
Coilcraft lnc.
B0726-EL COILCRAFT-B0726-EL Datasheet
64Kb / 1P
   ADSL Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com