Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5620IDG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5620IDG4
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5620IDG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLC5620IDG4 Datasheet HTML 1Page - Texas Instruments TLC5620IDG4 Datasheet HTML 2Page - Texas Instruments TLC5620IDG4 Datasheet HTML 3Page - Texas Instruments TLC5620IDG4 Datasheet HTML 4Page - Texas Instruments TLC5620IDG4 Datasheet HTML 5Page - Texas Instruments TLC5620IDG4 Datasheet HTML 6Page - Texas Instruments TLC5620IDG4 Datasheet HTML 7Page - Texas Instruments TLC5620IDG4 Datasheet HTML 8Page - Texas Instruments TLC5620IDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TLC5620C, TLC5620I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS081E – NOVEMBER 1994 – REVISED NOVEMBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Four 8-Bit Voltage Output DACs
D 5-V Single-Supply Operation
D Serial Interface
D High-Impedance Reference Inputs
D Programmable 1 or 2 Times Output Range
D Simultaneous Update Facility
D Internal Power-On Reset
D Low-Power Consumption
D Half-Buffered Output
applications
D Programmable Voltage Sources
D Digitally Controlled Amplifiers/Attenuators
D Mobile Communications
D Automatic Test Equipment
D Process Monitoring and Control
D Signal Synthesis
description
The TLC5620C and TLC5620I are quadruple 8-bit voltage output digital-to-analog converters (DACs) with
buffered reference inputs (high impedance). The DACs produce an output voltage that ranges between either
one or two times the reference voltages and GND, and the DACs are monotonic. The device is simple to use,
running from a single supply of 5 V. A power-on reset function is incorporated to ensure repeatable start-up
conditions.
Digital control of the TLC5620C and TLC5620I are over a simple three-wire serial bus that is CMOS compatible
and easily interfaced to all popular microprocessor and microcontroller devices. The 11-bit command word
comprises eight bits of data, two DAC-select bits, and a range bit, the latter allowing selection between the times
1 or times 2 output range. The DAC registers are double buffered, allowing a complete set of new values to be
written to the device, then all DAC outputs are updated simultaneously through control of LDAC. The digital
inputs feature Schmitt triggers for high noise immunity.
The 14-terminal small-outline (D) package allows digital control of analog functions in space-critical
applications. The TLC5620C is characterized for operation from 0
°C to 70°C. The TLC5620I is characterized
for operation from – 40
°C to 85°C. The TLC5620C and TLC5620I do not require external trimming.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(D)
PLASTIC DIP
(N)
0
°C to 70°C
TLC5620CD
TLC5620CN
–40
°C to 85°C
TLC5620ID
TLC5620IN
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GND
REFA
REFB
REFC
REFD
DATA
CLK
VDD
LDAC
DACA
DACB
DACC
DACD
LOAD
N OR D PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated


Similar Part No. - TLC5620IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5620ID TI-TLC5620ID Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620ID TI-TLC5620ID Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620IDR TI-TLC5620IDR Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5620IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com