Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5917 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5917
Description  8-Bit Constant-Current LED Sink Drivers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5917 Datasheet(HTML) 2 Page - Texas Instruments

  TLC5917 Datasheet HTML 1Page - Texas Instruments TLC5917 Datasheet HTML 2Page - Texas Instruments TLC5917 Datasheet HTML 3Page - Texas Instruments TLC5917 Datasheet HTML 4Page - Texas Instruments TLC5917 Datasheet HTML 5Page - Texas Instruments TLC5917 Datasheet HTML 6Page - Texas Instruments TLC5917 Datasheet HTML 7Page - Texas Instruments TLC5917 Datasheet HTML 8Page - Texas Instruments TLC5917 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TLC5916-Q1, TLC5917-Q1
SLVS814A – JANUARY 2008 – REVISED MAY 2015
www.ti.com
Table of Contents
9.1
Overview ................................................................. 15
1
Features .................................................................. 1
9.2
Functional Block Diagram ....................................... 15
2
Applications ........................................................... 1
9.3
Feature Description................................................. 15
3
Description ............................................................. 1
9.4
Device Functional Modes........................................ 17
4
Revision History..................................................... 2
9.5
Programming........................................................... 21
5
Device Comparison Table..................................... 3
10
Application and Implementation........................ 24
6
Pin Configuration and Functions ......................... 3
10.1
Application Information.......................................... 24
7
Specifications......................................................... 4
10.2
Typical Applications .............................................. 25
7.1
Absolute Maximum Ratings ...................................... 4
11
Power Supply Recommendations ..................... 28
7.2
ESD Ratings.............................................................. 4
12
Layout................................................................... 28
7.3
Recommended Operating Conditions ....................... 4
12.1
Layout Guidelines ................................................. 28
7.4
Thermal Information .................................................. 5
12.2
Layout Example .................................................... 28
7.5
Electrical Characteristics: VDD = 3 V ....................... 6
13
Device and Documentation Support ................. 29
7.6
Electrical Characteristics: VDD = 5.5 V .................... 7
13.1
Related Links ........................................................ 29
7.7
Timing Requirements ................................................ 8
13.2
Trademarks ........................................................... 29
7.8
Switching Characteristics: VDD = 3 V....................... 9
13.3
Electrostatic Discharge Caution ............................ 29
7.9
Switching Characteristics: VDD = 5.5 V.................. 10
13.4
Glossary ................................................................ 29
7.10
Typical Characteristics .......................................... 11
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information ................ 12
Information ........................................................... 29
9
Detailed Description ............................................ 15
4 Revision History
Changes from Original (January 2008) to Revision A
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TLC5916-Q1 TLC5917-Q1


Similar Part No. - TLC5917

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5917 TI-TLC5917 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5917 TI-TLC5917 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5917 TI-TLC5917 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5917I TI-TLC5917I Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5917ID TI-TLC5917ID Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results

Similar Description - TLC5917

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1 Datasheet
588Kb / 26P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com