Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA169-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA169-Q1
Description  HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA169-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  INA169-Q1 Datasheet HTML 1Page - Texas Instruments INA169-Q1 Datasheet HTML 2Page - Texas Instruments INA169-Q1 Datasheet HTML 3Page - Texas Instruments INA169-Q1 Datasheet HTML 4Page - Texas Instruments INA169-Q1 Datasheet HTML 5Page - Texas Instruments INA169-Q1 Datasheet HTML 6Page - Texas Instruments INA169-Q1 Datasheet HTML 7Page - Texas Instruments INA169-Q1 Datasheet HTML 8Page - Texas Instruments INA169-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
INA139Q1,INA169Q1
SGLS185B − SEPTEMBER 2003 − REVISED OCTOBER 2004
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
R
S
4
6
OUT
GND
R
L
V
O =ISRSRL/1kΩ
Load
1k
1k
V
IN+
Up to 60V
V
IN+
V
IN−
21
I
S
V+
8
ORDERING INFORMATION
PRODUCT
PACKAGE−LEAD
PACKAGE
DESIGNATOR(1)
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
TRANSPORT MEDIA,
QUANTITY
INA139QPWRQ1
TSSOP−8
PW
−40
°C to +125°C
INA139
Tape and Reel, 2000
INA139NA/3KQ1
SOT23−5
DBV
−40
°C to +125°C
39Q
Tape and Reel, 3000
INA169QPWRQ1
TSSOP−8
PW
−40
°C to +125°C
INA169
Tape and Reel, 2000
INA169NA/3KQ1
SOT23−5
DBV
−40
°C to +125°C
69Q
Tape and Reel, 3000
(1) For the most current specification and package information, see our web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
Supply voltage, V+
INA139-Q1
−0.3 V to 60 V
Supply voltage, V+
INA169-Q1
−0.3 V to 75 V
Analog inputs, VIN+, VIN− , Common mode
INA139-Q1
−0.3 V to 60 V
Analog inputs, VIN+, VIN− , Common mode
INA169-Q1
−0.3 V to 75 V
Analog inputs, (VIN+) − (VIN−), Differential
−40 V to 2 V
Analog output, out
−0.3 V to 40 V
Operating temperature
−55
°C to 125°C
Storage temperature
−65
°C to 150°C
Junction temperature
150
°C
Thermal resistance, junction-to-ambient, R JA
PW package
150
°C/W
Thermal resistance, junction-to-ambient, RΘJA
DBV package
200
°C/W
Lead temperature (soldering, 10 seconds)
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Similar Part No. - INA169-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA169-Q1 TI-INA169-Q1 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA169-Q1 TI1-INA169-Q1 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results

Similar Description - INA169-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com