Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V08L25PF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT70V08L25PF
Description  HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V08L25PF Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT70V08L25PF Datasheet HTML 1Page - Integrated Device Technology IDT70V08L25PF Datasheet HTML 2Page - Integrated Device Technology IDT70V08L25PF Datasheet HTML 3Page - Integrated Device Technology IDT70V08L25PF Datasheet HTML 4Page - Integrated Device Technology IDT70V08L25PF Datasheet HTML 5Page - Integrated Device Technology IDT70V08L25PF Datasheet HTML 6Page - Integrated Device Technology IDT70V08L25PF Datasheet HTML 7Page - Integrated Device Technology IDT70V08L25PF Datasheet HTML 8Page - Integrated Device Technology IDT70V08L25PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IDT70V08S/L
High-Speed 64K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
Truth Table III – Semaphore Read/Write Control(1)
Truth Table I – Chip Enable(1,2)
NOTES:
1.
Chip Enable references are shown above with the actual
CE0 and CE1 levels; CE is a reference only.
2.
'H' = VIH and 'L' = VIL.
3.
CMOS standby requires 'X' to be either < 0.2V or >VCC-0.2V.
Truth Table II – Non-Contention Read/Write Control
NOTES:
1.
A0L — A15L
≠ A0R — A15R
2.
Refer to Chip Enable Truth Table.
NOTES:
1. There are eight semaphore flags written to I/O0 and read from all the I/Os (I/O0-I/O7). These eight semaphore flags are addressed by A0-A2.
2.
Refer to Chip Enable Truth Table.
CE
CE0
CE1
Mode
L
VIL
VIH
Port Selected (TTL Active)
< 0.2V
>VCC -0.2V
Port Selected (CMOS Active)
H
VIH
X
Port Deselected (TTL Inactive)
XVIL
Port Deselected (TTL Inactive)
>VCC -0.2V
X(3)
Port Deselected (CMOS Inactive)
X
(3)
<0.2V
Port Deselected (CMOS Inactive)
3740 tbl 06
Inputs
(1)
Outputs
Mode
CE(2)
R/
W
OE
SEM
I/O0-7
H
X
X
H
High-Z
Deselected: Power-Down
LL
X
H
DATAIN
Write to Memory
LH
LH
DATAOUT
Read Memory
X
X
H
X
High-Z
Outputs Disabled
3740 tbl 07
Inputs(1)
Outputs
Mode
CE(2)
R/
W
OE
SEM
I/O0-7
HH
L
L
DATAOUT
Read Semaphore Flag Data Out
H
XL
DATAIN
Write I/O0 into Semaphore Flag
LX
X
L
______
Not Allowed
3740 tbl 08


Similar Part No. - IDT70V08L25PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V08L25PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com