Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9153201QHA Datasheet(PDF) 11 Page - Texas Instruments

Part # 5962-9153201QHA
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9153201QHA Datasheet(HTML) 11 Page - Texas Instruments

Back Button 5962-9153201QHA Datasheet HTML 7Page - Texas Instruments 5962-9153201QHA Datasheet HTML 8Page - Texas Instruments 5962-9153201QHA Datasheet HTML 9Page - Texas Instruments 5962-9153201QHA Datasheet HTML 10Page - Texas Instruments 5962-9153201QHA Datasheet HTML 11Page - Texas Instruments 5962-9153201QHA Datasheet HTML 12Page - Texas Instruments 5962-9153201QHA Datasheet HTML 13Page - Texas Instruments 5962-9153201QHA Datasheet HTML 14Page - Texas Instruments 5962-9153201QHA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TLC3702
DUAL MICROPOWER LinCMOS
™ VOLTAGE COMPARATORS
SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
+
DUT
VDD
+
+
+
C2
1 μF
R4
47 kΩ
R5
1.8 kΩ 1%
C3
0.68 μF
IC1c
1/4 TLC274CN
IC1a
1/4 TLC274CN
IC1b
1/4 TLC274CN
R6
1 MΩ
R7
1.8 kΩ 1%
R8
10 kΩ 1%
R1
240 kΩ
R2
10 kΩ
C1
0.1 μF
R3
100 Ω
C4
0.1 μF
Integrator
R9
100 Ω 1%
Buffer
Triangle
Generator
VIO
(X100)
Figure 6. Circuit for Input Offset Voltage Measurement
Response time is defined as the interval between the application of an input step function and the instant when
the output reaches 50% of its maximum value. Response time for the low-to-high-level output is measured from
the leading edge of the input pulse, while response time for the high-to-low-level output is measured from the
trailing edge of the input pulse. Response time measurement at low input signal levels can be greatly affected
by the input offset voltage. The offset voltage should be balanced by the adjustment at the inverting input as
shown in Figure 7, so that the circuit is just at the transition point. A low signal, for example 105-mV or 5-mV
overdrive, causes the output to change state.


Similar Part No. - 5962-9153201QHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9153201QHA TI1-5962-9153201QHA Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results

Similar Description - 5962-9153201QHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_14 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702CDR TI-TLC3702CDR Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704-Q1 TI-TLC3704-Q1 Datasheet
383Kb / 23P
[Old version datasheet]   QUAD MICROPOWER LINCMOS VOLTAGE COMPARATORS
TLC3704 TI1-TLC3704_14 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702-EP TI1-TLC3702-EP Datasheet
964Kb / 30P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com