Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V08S25PF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT70V08S25PF
Description  HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V08S25PF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT70V08S25PF Datasheet HTML 5Page - Integrated Device Technology IDT70V08S25PF Datasheet HTML 6Page - Integrated Device Technology IDT70V08S25PF Datasheet HTML 7Page - Integrated Device Technology IDT70V08S25PF Datasheet HTML 8Page - Integrated Device Technology IDT70V08S25PF Datasheet HTML 9Page - Integrated Device Technology IDT70V08S25PF Datasheet HTML 10Page - Integrated Device Technology IDT70V08S25PF Datasheet HTML 11Page - Integrated Device Technology IDT70V08S25PF Datasheet HTML 12Page - Integrated Device Technology IDT70V08S25PF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
IDT70V08S/L
High-Speed 64K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2.
This parameter is guaranted by device characterization, but is not production tested.
3.
To access RAM,
CE= VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4.
The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage and
temperature, the actual tDH will always be smaller than the actual tOW.
5.
'X' in part numbers indicates power rating (S or L).
6
Industrial temperature: for specific speeds, packages and powers contact your sales office.
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(5,6)
Symbol
Parameter
70V08X15
Com'l Only
70V08X20
Com'l Only
Unit
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
15
____
20
____
ns
tEW
Chip Enable to End-of-Write(3)
12
____
15
____
ns
tAW
Address Valid to End-of-Write
12
____
15
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
ns
tWP
Write Pulse Width
12
____
15
____
ns
tWR
Write Recovery Time
0
____
0
____
ns
tDW
Data Valid to End-of-Write
10
____
15
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
10
ns
tDH
Data Hold Time(4)
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
10
____
10
ns
tOW
Output Active from End-of-Write(1,2,4)
0
____
0
____
ns
tSWRD
SEM Flag Write to Read Time
5
____
5
____
ns
tSPS
SEM Flag Contention Window
5
____
5
____
ns
3740 tbl 13a
Symbol
Parameter
70V08X25
Com'l Only
70V08X35
Com'l Only
Unit
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
25
____
35
____
ns
tEW
Chip Enable to End-of-Write(3)
20
____
30
____
ns
tAW
Address Valid to End-of-Write
20
____
30
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
ns
tWP
Write Pulse Width
20
____
25
____
ns
tWR
Write Recovery Time
0
____
0
____
ns
tDW
Data Valid to End-of-Write
15
____
20
____
ns
tHZ
Output High-Z Time(1,2)
____
15
____
20
ns
tDH
Data Hold Time(4)
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
15
____
20
ns
tOW
Output Active from End-of-Write(1,2,4)
0
____
0
____
ns
tSWRD
SEM Flag Write to Read Time
5
____
5
____
ns
tSPS
SEM Flag Contention Window
5
____
5
____
ns
3740 tbl 13b


Similar Part No. - IDT70V08S25PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V08S25PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com