Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3498-AL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # E3498-AL
Description  Common Mode Line Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

E3498-AL Datasheet(HTML) 1 Page - Coilcraft lnc.

  E3498-AL Datasheet HTML 1Page - Coilcraft lnc. E3498-AL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Common Mode Line Chokes–EE Styles
Document 141-1
Document 141-1 Revised 04/20/12
• Low cost
• 3 mm creepage and clearance from all terminations to the
core
• 3750 Vrms, one minute isolation between windings
• UL1446 Class B (130°C) Insulation System (UL File E83628)
• Industry-standard EE25 size
• Wide range of available inductances and current ratings
Coilcraft
Designer’s Kit No. P402 contains samples
of eight standard EE and toroidal common mode line
chokes. To order, contact Coilcraft or purchase on-line at
buy.coilcraft.com.
Coilcraft common mode standard packages incorporate
several features to help meet the requirements of major
safety agencies.These include 2 mm thick center flanges
and 3 mm creepage and clearance from all terminations
to the core.
Common mode chokes are used to reduce AC line con-
ducted interference produced by switching power supplies.
This configuration produces opposing magnetic fluxes in
the core that serve to cancel in-phase noise signals ap-
pearing across the AC line.
This mode allows much more filtering capability in a given
core size than would be possible using differential filtering
alone. Use of common mode chokes therefore reduces
component count as well as inductor size.
Combining both common and differential mode chokes
gives the power supply designer the added flexibility
required to adjust the filtering to meet FCC, VDE, and
other requirements as well as optimize the circuit for the
particular noise levels and frequencies produced by each
power supply design.
The Coilcraft packaging of common mode chokes allows
windings to be balanced within 1% and features the cost
effectiveness of standard EE core styles.
Schematic
Typical Application
AC
input
2
2
9
9
4
4
7
7
0.1 µF
0.1 µF
0.005 µF
0.005 µF


Similar Part No. - E3498-AL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
E3498-AL COILCRAFT-E3498-AL Datasheet
110Kb / 2P
   Common Mode Line Chokes
More results

Similar Description - E3498-AL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L Datasheet
118Kb / 3P
   Common Mode Line Chokes
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L_13 Datasheet
125Kb / 5P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL Datasheet
110Kb / 2P
   Common Mode Line Chokes
P3213-AL COILCRAFT-P3213-AL Datasheet
139Kb / 3P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL Datasheet
97Kb / 2P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL_13 Datasheet
222Kb / 2P
   Common Mode Line Chokes
P3224-AL COILCRAFT-P3224-AL Datasheet
331Kb / 3P
   Common Mode Line Chokes
logo
Premier Magnetics, Inc.
PM-OM01 PMI-PM-OM01 Datasheet
159Kb / 5P
   COMMON MODE LINE CHOKES
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
   POWER LINE CHOKES COMMON MODE CHOKES
logo
Premier Magnetics, Inc.
PM-SF01 PMI-PM-SF01 Datasheet
65Kb / 5P
   SIGNAL LINE FILTERS COMMON MODE CHOKES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com