Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2272ACDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272ACDR
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272ACDR Datasheet(HTML) 3 Page - Texas Instruments

  TLC2272ACDR Datasheet HTML 1Page - Texas Instruments TLC2272ACDR Datasheet HTML 2Page - Texas Instruments TLC2272ACDR Datasheet HTML 3Page - Texas Instruments TLC2272ACDR Datasheet HTML 4Page - Texas Instruments TLC2272ACDR Datasheet HTML 5Page - Texas Instruments TLC2272ACDR Datasheet HTML 6Page - Texas Instruments TLC2272ACDR Datasheet HTML 7Page - Texas Instruments TLC2272ACDR Datasheet HTML 8Page - Texas Instruments TLC2272ACDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
1
2
3
4
5
10
9
8
7
6
NC
1 OUT
1 IN−
1 IN+
VDD−/GND
NC
VDD+
2 OUT
2 IN−
2 IN+
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN +
NC
VDD −
NC
3IN +
1IN +
NC
VDD +
NC
2IN +
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2 OUT
NC
2 IN−
NC
NC
1 IN−
NC
1 IN+
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN +
VDD +
2IN +
2IN −
2OUT
4OUT
4IN −
4IN +
VDD −
3IN +
3IN −
3OUT
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
VDD −/GND
VDD +
2OUT
2IN −
2IN +
3
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
www.ti.com
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
TLC2272
D, JG, P, or PW Package
8-Pin SOIC, CDIP, PDIP, or TSSOP
Top View
TLC2272
FK Package
20-Pin LCCC
Top View
TLC2272
U Package
10-Pin CFP
Top View
TLC2274
D, J, N, PW, or W Package
14-Pin SOIC, CDIP, PDIP, TSSOP, or CFP
Top View
TLC2274
FK Package
20-Pin LCCC
Top View


Similar Part No. - TLC2272ACDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272ACDR TI-TLC2272ACDR Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272ACDR TI-TLC2272ACDR Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272ACDR TI-TLC2272ACDR Datasheet
2Mb / 77P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272ACDR TI-TLC2272ACDR Datasheet
2Mb / 55P
[Old version datasheet]   TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2272ACDRG4 TI-TLC2272ACDRG4 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2272ACDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com