Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9555201QPA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9555201QPA
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9555201QPA Datasheet(HTML) 11 Page - Texas Instruments

Back Button 5962-9555201QPA Datasheet HTML 7Page - Texas Instruments 5962-9555201QPA Datasheet HTML 8Page - Texas Instruments 5962-9555201QPA Datasheet HTML 9Page - Texas Instruments 5962-9555201QPA Datasheet HTML 10Page - Texas Instruments 5962-9555201QPA Datasheet HTML 11Page - Texas Instruments 5962-9555201QPA Datasheet HTML 12Page - Texas Instruments 5962-9555201QPA Datasheet HTML 13Page - Texas Instruments 5962-9555201QPA Datasheet HTML 14Page - Texas Instruments 5962-9555201QPA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
11
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
www.ti.com
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
(1)
TA = –55°C to 125°C.
(2)
Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to
TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
6.8 TLC2274 and TLC2274A Electrical Characteristics VDD± = ±5 V
at specified free-air temperature, VDD± = ±5 V; TA = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = 0 V, VO = 0 V,
RS = 50 Ω
TLC2274
TA = 25°C
300
2500
µV
TLC2274A
300
950
TLC2274
Full Range(1)
3000
TLC2274A
1500
αVIO
Temperature coefficient of
input offset voltage
VIC = 0 V, VO = 0 V, RS = 50 Ω
2
μV/°C
Input offset voltage long-term drift(2)
VIC = 0 V, VO = 0 V, RS = 50 Ω
0.002
μV/mo
IIO
Input offset current
VIC = 0 V, VO = 0 V,
RS = 50 Ω
All level parts
TA = 25°C
0.5
60
pA
C level part
TA = 0°C to 80°C
100
I level part
TA = –40°C to 85°C
150
Q level part
TA = –40°C to 125°C
800
M level part
TA = –55°C to 125°C
800
IIB
Input bias current
VIC = 0 V, VO = 0 V,
RS = 50 Ω
All level parts
TA = 25°C
1
60
pA
C level part
TA = 0°C to 80°C
100
I level part
TA = –40°C to 85°C
150
Q level part
TA = –40°C to 125°C
800
M level part
TA = –55°C to 125°C
800
VICR
Common-mode input voltage
RS = 50 Ω; |VIO | ≤ 5 mV
TA = 25°C
–5.3
0
4
V
Full Range(1)
–5
0
3.5
VOM+
Maximum positive peak
output voltage
IO = −20 μA
4.99
V
IO = −200 μA
TA = 25°C
4.85
4.93
Full Range(1)
4.85
IO = −1 mA
TA = 25°C
4.25
4.65
Full Range(1)
4.25
VOM-
Maximum negative peak
output voltage
VIC = 0 V
IO = 50 μA
–4.99
V
IO = 500 μA
TA = 25°C
–4.85
–4.91
Full Range(1)
–4.85
IO = 5 mA
TA = 25°C
–3.5
–4.1
Full Range(1)
–3.5
AVD
Large-signal differential
voltage amplification
VO = ±4 V; RL = 10 kΩ
C level part
TA = 25°C
25
50
V/mV
TA = 0°C to 80°C
25
I level part
TA = 25°C
25
50
TA = –40°C to 85°C
25
Q level part
TA = 25°C
20
50
TA = –40°C to 125°C
20
M level part
TA = 25°C
20
50
TA = –55°C to 125°C
20
VO = ±4 V; RL = 1 MΩ
300
rid
Differential input resistance
1012
Ω
ri
Common-mode input resistance
1012
Ω
ci
Common-mode input capacitance
f = 10 kHz, P package
8
pF
zo
Closed-loop output impedance
f = 1 MHz, AV = 10
130
Ω
CMRR
Common-mode rejection ratio
VIC = –5 V to 2.7 V,
VO = 0 V, RS = 50 Ω
TA = 25°C
75
80
dB
Full Range(1)
75
kSVR
Supply-voltage rejection ratio
(
ΔVDD / ΔVIO)
VDD+ = 2.2 V to ±8 V,
VIC = 0 V, no load
TA = 25°C
80
95
dB
Full Range(1)
80
IDD
Supply currrent
VO = 0 V, no load
TA = 25°C
4.8
6
mA
Full Range(1)
6


Similar Part No. - 5962-9555201QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9555201QPA TI-5962-9555201QPA Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
5962-9555201QPA TI-5962-9555201QPA Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
5962-9555201QPA TI-5962-9555201QPA Datasheet
2Mb / 77P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
5962-9555201QPA TI1-5962-9555201QPA Datasheet
1Mb / 36P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
More results

Similar Description - 5962-9555201QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com