Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9089504QPA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9089504QPA
Description  Advanced LinCMOS LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9089504QPA Datasheet(HTML) 1 Page - Texas Instruments

  5962-9089504QPA Datasheet HTML 1Page - Texas Instruments 5962-9089504QPA Datasheet HTML 2Page - Texas Instruments 5962-9089504QPA Datasheet HTML 3Page - Texas Instruments 5962-9089504QPA Datasheet HTML 4Page - Texas Instruments 5962-9089504QPA Datasheet HTML 5Page - Texas Instruments 5962-9089504QPA Datasheet HTML 6Page - Texas Instruments 5962-9089504QPA Datasheet HTML 7Page - Texas Instruments 5962-9089504QPA Datasheet HTML 8Page - Texas Instruments 5962-9089504QPA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TLC2654, TLC2654A
Advanced LinCMOS
 LOW-NOISE CHOPPER-STABILIZED
OPERATIONAL AMPLIFIERS
SLOS020G – NOVEMBER 1988 – REVISED APRIL 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Input Noise Voltage
0.5
µV (Peak-to-Peak) Typ, f = 0 to 1 Hz
1.5
µV (Peak-to-Peak) Typ, f = 0 to 10 Hz
47 nV/
√Hz Typ, f = 10 Hz
13 nV/
√Hz Typ, f = 1 kHz
D High Chopping Frequency . . . 10 kHz Typ
D No Clock Noise Below 10 kHz
D No Intermodulation Error Below 5 kHz
D Low Input Offset Voltage
10
µV Max (TLC2654A)
D Excellent Offset Voltage Stability
With Temperature . . . 0.05
µV/°C Max
D AVD . . . 135 dB Min (TLC2654A)
D CMRR ...110 dB Min (TLC2654A)
D kSVR ...110 dB Min
D Single-Supply Operation
D Common-Mode Input Voltage Range
Includes the Negative Rail
D No Noise Degradation With External
Capacitors Connected to VDD–
D Available in Q-Temp Automotive
HighRel Automotive Applications
Configuration Control/Print Support
Qualification to Automotive Standards
description
The TLC2654 and TLC2654A are low-noise
chopper-stabilized operational amplifiers using
the Advanced LinCMOS
 process. Combining
this process with chopper-stabilization circuitry
makes excellent dc precision possible. In addition,
circuit techniques are added that give the
TLC2654 and TLC2654A superior noise perfor-
mance.
Chopper-stabilization techniques provide for extremely high dc precision by continuously nulling input offset
voltage even during variations in temperature, time, common-mode voltage, and power-supply voltage. The
high chopping frequency of the TLC2654 and TLC2654A (see Figure 1) provides excellent noise performance
in a frequency spectrum from near dc to 10 kHz. In addition, intermodulation or aliasing error is eliminated from
frequencies up to 5 kHz.
This high dc precision and low noise, coupled with the extremely high input impedance of the CMOS input stage,
makes the TLC2654 and TLC2654A ideal choices for a broad range of applications such as low-level,
low-frequency thermocouple amplifiers and strain gauges and wide-bandwidth and subsonic circuits. For
applications requiring even greater dc precision, use the TLC2652 or TLC2652A devices, which have a
chopping frequency of 450 Hz.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
Advanced LinCMOS is a trademark of Texas Instruments.
1
2
3
4
8
7
6
5
CXA
IN –
IN +
VDD–
CXB
VDD+
OUT
CLAMP
D, JG, OR P PACKAGE
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CXB
CXA
NC
IN –
IN +
NC
VDD–
INT/EXT
CLK IN
CLK OUT
VDD+
OUT
CLAMP
C RETURN
D, J, OR N PACKAGE
(TOP VIEW)
NC – No internal connection
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
CLK OUT
NC
VDD+
NC
OUT
NC
NC
IN –
NC
IN +
FK PACKAGE
(TOP VIEW)
(TOP VIEW)


Similar Part No. - 5962-9089504QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9089501M2A TI-5962-9089501M2A Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
5962-9089501MCA TI-5962-9089501MCA Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
5962-9089501MPA TI-5962-9089501MPA Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
5962-9089501MPA TI1-5962-9089501MPA Datasheet
957Kb / 39P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
5962-9089501MPA TI1-5962-9089501MPA Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results

Similar Description - 5962-9089504QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2652AC-8DR TI-TLC2652AC-8DR Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_V01 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced linCMOS LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2652 TI1-TLC2652_15 Datasheet
957Kb / 39P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI-TLC2652 Datasheet
474Kb / 31P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI1-TLC2652_17 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC7652 MICROCHIP-TC7652 Datasheet
456Kb / 16P
   Low Noise, Chopper Stabilized Operational Amplifier
2002
TC7652 MICROCHIP-TC7652_13 Datasheet
226Kb / 18P
   Low Noise, Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7652 TELCOM-TC7652 Datasheet
90Kb / 6P
   LOW NOISE, CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
ICL7652P TI1-ICL7652P Datasheet
2Mb / 16P
[Old version datasheet]   Advanced LinCMOSTM PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com