Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2543M Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2543M
Description  12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2543M Datasheet(HTML) 3 Page - Texas Instruments

  TLC2543M Datasheet HTML 1Page - Texas Instruments TLC2543M Datasheet HTML 2Page - Texas Instruments TLC2543M Datasheet HTML 3Page - Texas Instruments TLC2543M Datasheet HTML 4Page - Texas Instruments TLC2543M Datasheet HTML 5Page - Texas Instruments TLC2543M Datasheet HTML 6Page - Texas Instruments TLC2543M Datasheet HTML 7Page - Texas Instruments TLC2543M Datasheet HTML 8Page - Texas Instruments TLC2543M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TLC2543Q1
12BIT ANALOGTODIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SGLS218D − NOVEMBER 2003 − REVISED MAY 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AIN0 − AIN10
1− 9,
11, 12
I
Analog input. These 11 analog-signal inputs are internally multiplexed. The driving source impedance should
be less than or equal to 50
Ω for 4.1-MHz I/O CLOCK operation and be capable of slewing the analog input
voltage into a capacitance of 60 pF.
CS
15
I
Chip select. A high-to-low transition on CS resets the internal counters and controls and enables DATA OUT,
DATA INPUT, and I/O CLOCK. A low-to-high transition disables DATA INPUT and I/O CLOCK within a setup
time.
DATA INPUT
17
I
Serial-data input. A 4-bit serial address selects the desired analog input or test voltage to be converted next.
The serial data is presented with the MSB first and is shifted in on the first four rising edges of I/O CLOCK.
After the four address bits are read into the address register, I/O CLOCK clocks the remaining bits in order.
DATA OUT
16
O
The 3-state serial output for the A/D conversion result. DATA OUT is in the high-impedance state when CS
is high and active when CS is low. With a valid CS, DATA OUT is removed from the high-impedance state
and is driven to the logic level corresponding to the MSB/LSB† value of the previous conversion result. The
next falling edge of I/O CLOCK drives DATA OUT to the logic level corresponding to the next MSB / LSB, and
the remaining bits are shifted out in order.
EOC
19
O
End of conversion. EOC goes from a high to a low logic level after the falling edge of the last I/O CLOCK and
remains low until the conversion is complete and the data is ready for transfer.
GND
10
Ground. GND is the ground return terminal for the internal circuitry. Unless otherwise noted, all voltage
measurements are with respect to GND.
I/O CLOCK
18
I
Input /output clock. I/O CLOCK receives the serial input and performs the following four functions:
1. It clocks the eight input data bits into the input data register on the first eight rising edges of I/O CLOCK
with the multiplexer address available after the fourth rising edge.
2. On the fourth falling edge of I/O CLOCK, the analog input voltage on the selected multiplexer input
begins charging the capacitor array and continues to do so until the last falling edge of the I/O
CLOCK.
3. It shifts the 11 remaining bits of the previous conversion data out on DATA OUT. Data changes on
the falling edge of I/O CLOCK.
4. It transfers control of the conversion to the internal state controller on the falling edge of the last
I/O CLOCK.
REF +
14
I
Positive reference voltage The upper reference voltage value (nominally VCC) is applied to REF+. The
maximum input voltage range is determined by the difference between the voltage applied to this terminal and
the voltage applied to the REF − terminal.
REF −
13
I
Negative reference voltage. The lower reference voltage value (nominally ground) is applied to REF −.
VCC
20
Positive supply voltage
† MSB/LSB = Most significant bit / least significant bit


Similar Part No. - TLC2543M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2543M TI-TLC2543M Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543M TI-TLC2543M Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543M TI-TLC2543M Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MDBREP TI-TLC2543MDBREP Datasheet
387Kb / 25P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MEP TI-TLC2543MEP Datasheet
387Kb / 25P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Similar Description - TLC2543M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDWR TI-TLC2543IDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CFNRG3 TI-TLC2543CFNRG3 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI-TLC2543-Q1 Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI1-TLC2543C_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com