Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2555CDGK Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC2555CDGK
Description  5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2555CDGK Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC2555CDGK Datasheet HTML 3Page - Texas Instruments TLC2555CDGK Datasheet HTML 4Page - Texas Instruments TLC2555CDGK Datasheet HTML 5Page - Texas Instruments TLC2555CDGK Datasheet HTML 6Page - Texas Instruments TLC2555CDGK Datasheet HTML 7Page - Texas Instruments TLC2555CDGK Datasheet HTML 8Page - Texas Instruments TLC2555CDGK Datasheet HTML 9Page - Texas Instruments TLC2555CDGK Datasheet HTML 10Page - Texas Instruments TLC2555CDGK Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TLC2551, TLC2552, TLC2555
5-V, LOW-POWER, 12-BIT, 175/360 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS276D – MARCH 2000 – REVISED MAY 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
using CS as the FS input
When interfacing the TLC2551 with the TMS320 DSP, the FSR signal from the DSP may be connected to the
CS input if this is the only device on the serial port. This connection saves one output terminal from the DSP.
(Output data changes on the falling edge of SCLK. This is the default configuration for the TLC2552 and
TLC2555).
SCLK and conversion speed
The SCLK input can range in frequency from 100 kHz to 20 MHz. The required number of conversion clocks
is 14. The conversion clock for the ADC is SCLK/2 which translates to 28 SCLK cycles to perform a conversion.
For a 15-MHz SCLK, the minimum total cycle time is given by: 16x(1/15 M)+14x(1/7.5 M)+1 SCLK = 3.0
µs. An
additional SCLK is added to account for the required CS or FS high time. These times specify the minimum cycle
time for an active CS or FS signal. If violated, the conversion terminates, invalidating the next data output cycle.
Table 1 gives the maximum SCLK frequency for a given operational mode.
control via pin 1 (CS, SPI interface)
All devices are compatible with this mode of operation. A falling CS initiates the cycle. (For TLC2551, the FS
input is tied to VDD.) CS remains low for the entire cycle time (sample + convert + 1 SCLK) and can then be
released.
NOTE:
IMPORTANT: A single SCLK is required whenever CS is high.
control via pin 1 (CS, DSP interface)
All devices are compatible with this mode of operation. The FS signal from a DSP is connected directly to the
CS input of the ADC. A falling edge on the CS input initiates the cycle. (For TLC2551, the FS input can be tied
to VDD, although better performance can be achieved by using the FS input for control. Refer to the control via
pin 1 and pin 7 (CS and FS or FS only, DSP interface) section. The CS input should remain low for the entire
cycle time (sample + convert + 1 SCLK) and can then be released.
NOTE:
IMPORTANT: A single SCLK is required whenever CS is high. This requirement is usually of little
consequence since SCLK is normally always present when interfacing with a DSP.
control via pin 1 and pin 7 (CS and FS or FS only, DSP interface)
Only the TLC2551 is compatible with this mode of operation. The CS input to the ADC can be controlled via a
general-purpose I/O pin from the DSP. The FS signal from the DSP is connected directly to the FS input of the
ADC. A falling edge on CS, if used, releases the MSB on the SDO output. When CS is not used, the rising FS
edge releases the MSB. The falling edge on the FS input while SCLK is high initiates the cycle. The CS and
FS inputs should remain low for the entire cycle time (sample + convert + 1 SCLK) and can then be released.
reference voltage
An external reference is applied via VREF. The voltage level applied to this pin establishes the upper limit of the
analog inputs to produce a full-scale reading. The value of VREF and the analog input must not exceed the
positive supply or be less than GND, consistent with the specified absolute maximum ratings. The digital output
is at full scale when the input signal is equal to or higher than VREF and at zero when the input signal is equal
to or lower than GND.
powerdown and powerup
Autopower down is built into these devices in order to reduce power consumption. The actual power savings
depends on the inactive time between cycles and the power supply (loading) decoupling/storage capacitors.
Power-down takes effect immediately after the conversion is complete. This is fast enough to provide some
power savings between cycles with longer than 1 SCLK inactive time. The device power goes down to 8
µA
within 0.5
µs. To achieve the lowest power-down current (deep powerdown) of 1 µA requires 2-ms inactive time
between cycles. The power-down state is initiated at the end of conversion. These devices wake up immediately
at the next falling edge of CS or the rising edge of FS.


Similar Part No. - TLC2555CDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2555CDGK TI-TLC2555CDGK Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
More results

Similar Description - TLC2555CDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com